PART |
Description |
Maker |
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
IRFIZ48G IRFIZ48 IRFIZ48GPBF |
Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=39A) Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rdson)\u003d 0.018ohm,身份证\u003d 37A条) Power MOSFET(Vdss=60V Rds(on)=0.018ohm Id=37A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
IRFP054N |
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A) Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A?) IC/71054 24P P DIP INTERFACE 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.012ohm,身份证\u003d 81A条?
|
IRF[International Rectifier] Power MOSFET International Rectifier, Corp.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFZ44VZLPBF IRFZ44VZSPBF IRFZ44VZPBF |
HEXFET㈢ Power MOSFET ( VDSS = 60V , RDS(on) = 12mヘ , ID = 57A ) HEXFET? Power MOSFET ( VDSS = 60V , RDS(on) = 12mΩ , ID = 57A ) HEXFET垄莽 Power MOSFET ( VDSS = 60V , RDS(on) = 12m楼? , ID = 57A )
|
International Rectifier
|
IRF9620S IRF9620STRL IRF9620STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V Rds(on)=1.5ohm Id=-3.5A) Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A) Power MOSFET(Vdss=-200V/ Rds(on)=1.5ohm/ Id=-3.5A)
|
IRF[International Rectifier]
|
IRFIBC30G IRFIBC30 |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A) Power MOSFET(Vdss=600V/ Rds(on)=2.2ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFIBC40G IRFIBC40 IRFIBC40GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A) Power MOSFET(Vdss=600V/ Rds(on)=1.2ohm/ Id=3.5A)
|
IRF[International Rectifier]
|
IRFIBE30G IRFIBE30 |
800V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=800V/ Rds(on)=3.0ohm/ Id=2.1A) Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
|
IRF[International Rectifier] http://
|
IRF1407SPBF IRF1407LPBF IRF1407SPBF-15 |
HEXFET? Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078Ω , ID = 100A ) HEXFET㈢ Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|