PART |
Description |
Maker |
IRLZ34NLPBF IRLZ34NSPBF |
Fast Switching HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035ヘ , ID = 30A ) HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035Ω , ID = 30A )
|
International Rectifier
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI644G IRFI644 IRFI644GPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=250V Rds(on)=0.28ohm Id=7.9A) HEXFET? Power MOSFET Power MOSFET(Vdss=250V/ Rds(on)=0.28ohm/ Id=7.9A) Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=7.9A) 功率MOSFET(减振钢板基本\u003d 250V,的Rds(on)\u003d 0.28ohm,身份证\u003d 7.9A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF3709 IRF3709L IRF3709S IRF370B9L IRF370B9S F370 |
Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A? Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 90A型? Power MOSFET(Vdss=30V/ Rds(on)max=9.0mohm/ Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A?) Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRF7342PBF IRF7342TRPBF IRF7342PBF-15 |
HEXFET? Power MOSFET (VDSS = -55V , RDS(on) = 0.105Ω) HEXFET㈢ Power MOSFET (VDSS = -55V , RDS(on) = 0.105ヘ) Generation V Technology
|
International Rectifier
|
IRFL024 IRFL024N IRFL024NTRPBF IRFL024NTR |
Surface Mount Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V Rds(on)=0.075ohm Id=2.8A) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) Advanced Process Technology
|
IRF[International Rectifier]
|
IRCZ24 |
Power MOSFET(Vdss=55V/ Rds(on)=0.040ohm/ Id=26A) Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFI734G IRFI734 |
450V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=450V Rds(on)=1.2ohm Id=3.4A) Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
|
IRF[International Rectifier]
|
IRFIBE30G IRFIBE30 |
800V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=800V/ Rds(on)=3.0ohm/ Id=2.1A) Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
|
IRF[International Rectifier] http://
|
IRF1407SPBF IRF1407LPBF IRF1407SPBF-15 |
HEXFET? Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078Ω , ID = 100A ) HEXFET㈢ Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRF2807 IRF2807PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Id=82A? Power MOSFET(Vdss=75V/ Id=82A)
|
International Rectifier
|