|
PSD913F1-B-90J - Flash In-System Programmable ISP Peripherals For 8-bit MCUs Shielded Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 Flash In-System Programmable ISP Peripherals For 8-bit MCUs Flash在系统可编程ISP的外设的8位微控制 CAP 22UF 15V 10% TANT SOLID MOLDED SMD-7343-31 T&R B-MIL-PRF-55365 Flash在系统可编程ISP的外设的8位微控制 CAP 1UF 35V 10% TANT SOLID MOLDED SMD-3528-21 BULK C-MIL-PRF-55365 CAP 22UF 15V 10% TANT SOLID SMD-7343-31 BULK B-MIL-PRF-55365/08 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP 0.1UF 50V 10% TANT SOLID MOLDED AXIAL A-CASE BULK MIL-PRF-49137/5 Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Conductor Material:Copper RoHS Compliant: Yes CAP 4.7UF 20V 10% TANT SOLID MOLDED AXIAL B-CASE BULK MIL-PRF-49137/5 CAP 4.7UF 15V 10% TANT SOLID MOLDED SMD-3528-21 BULK B-MIL-PRF-55365 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:22; No. Strands x Strand Size:19 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90%; Conductor Material:Copper RoHS Compliant: Yes |
|
|
|
Related Part Number | ||||||||||||
|
||||||||||||
Related keyword From Full Text Search System | ||||||||||||
|
||||||||||||