PART |
Description |
Maker |
LC86104A |
Liquid Crystal Display Controller/ Driver, On-chip 4K bytes ROM and On-chip 168 bytes RAM 8-BIT SINGLE CHIP MICROCOMPUTER LC86104A
|
SANYO
|
LP171W02-A4 |
WSXGA TFT LCD module
|
LG
|
NJM9204B NJU9203B NJU9203BM |
3_1/2-digit A/D Converter with Display Hold for LED Display Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 22uF; Voltage: 25V; Case Size: 6.3x7 mm; Packaging: Bulk 3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
|
New Japan Radio Co., Ltd.
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M37210M4-227SP M37210M4-218SP M37210M3-560SP M3721 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE CHIP 8-BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER Single Chip 8-Bit CMOS MICROCOMPUTER for Voltage SYNTHESISER WITH OSD Controller Single-chip 8-bit CMOS microcfomputer for voltage synthesizer with on-screen display controller.
|
Mitsubishi Electric Corporation
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
1331 1332 1320G1BLACK 1327 1300 110G9 1377G1 1377G |
CONTACT 15A CRIMP/SOLDER POWERPOLE HOUSING & CONT.BLK POWERPOLE HOUSING RED POWERPOLE HOUSING & CONT.BLUE CONTACT 25A 90DEG PCB 0.7 CONTACT 25A VERTICAL PCB MTG POWERPOLE HOUSING & CONT. RED PLUG FREE LATCHED 6 WAY CONTACT 25A 90DEG PCB 0.4 联系25A90度板0.4 CONTACT 30A CRIMP/SOLDER 联系30A条卷 POWERPOLE HOUSING & CONT. RED POWERPOLE房屋 LOCKING PIN POWERPACK 锁销强力 POWERPOLE HOUSING GREEN POWERPOLE房屋
|
3M Company Anderson Power Products, Inc.
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
IRFM150 2N7224 |
N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)(N娌?????MOS?烘?搴??(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)) N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)4A条的Rds(on):0.070Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00V的,身份证(续)4A条的Rds(on.070Ω))
|
SEMELAB LTD Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Semelab(Magnatec) SEME-LAB[Seme LAB]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M37224M3-050SP M37224M3-XXXSP |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
|
Mitsubishi Electric Corporation
|
M37220M3-010SP M37220M3-160SP M37220M3-167SP M3722 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
|
Mitsubishi Electric Corporation
|