PART |
Description |
Maker |
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SPP12N50C3 SPI12N50C3 SPA12N50C3 SPB12N50C3 |
Cool MOSPower Transistor 酷马鞍山⑩功率晶体管 for lowest Conduction Losses & fastest Switching COOL MOS⒙ POWER TRANSISTOR Cool MOS⑩ Power Transistor Cool MOS Power Transistor Cool MOS?/a> Power Transistor
|
INFINEON[Infineon Technologies AG]
|
2N5330 SDT99703 2N4211 2N5616 SDT8302 2N5625 SDT16 |
30 A, 90 V, NPN, Si, POWER TRANSISTOR 300 V, NPN, Si, POWER TRANSISTOR 20 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 5 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-3 30 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-3 5 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 40 V, NPN, Si, POWER TRANSISTOR, TO-66 5 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-66 20 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-63 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-61 10 A, 200 V, NPN, Si, POWER TRANSISTOR, TO-3
|
SOLITRON DEVICES INC
|
IPP100N04S2-04 IPB100N04S2-04 SP0002-19061 SP0002- |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor 100 A, 40 V, 0.0036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN
|
Infineon Technologies AG
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
BUZ100L C67078-S1354-A2 BUZ100LC67078-S1348-A2 BUZ |
N-Channel SIPMOS Power Transistor Omnifet: fully autoprotected Power MOSFET SIPMOS ? Power Transistor From old datasheet system SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] http://
|
IPB05N03LAG |
80 A, 25 V, 0.0078 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB OptiMOS㈢2 Power-Transistor OptiMOS?2 Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
UPA1476 UPA1476H |
2 A, 115 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
NEC Corp. NEC[NEC]
|
IPB091N06NG IPP091N06NG |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS㈢ Power-Transistor OptiMOS? Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPB070N06NG IPP070N06NG |
OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管
|
Infineon Technologies AG
|
|