PART |
Description |
Maker |
CY7C1316BV18 CY7C1318BV18 CY7C1916BV18 CY7C1320BV1 |
18-Mbit DDR-II SRAM 2-Word Burst Architecture(2字Burst结构,18-Mbit DDR-II SRAM) 18兆位的DDR - II SRAM字突发架构(2字突发结18 -兆位的DDR - II SRAM的) 18-Mbit DDR-II SRAM 2-Word Burst Architecture(2瀛?urst缁??,18-Mbit DDR-II SRAM)
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1352F CY7C1352F-100AC CY7C1352F-100AI CY7C1352 |
4-Mbit (256Kx18) Pipelined SRAM with NoBLArchitecture 256K X 18 ZBT SRAM, 2.8 ns, PQFP100 4-Mbit (256Kx18) Pipelined SRAM with NoBL(TM) Architecture 4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture 4-Mbit (256Kx18) Pipelined SRAM with NoBL⑩ Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1470V25 CY7C1470V25-167ACES CY7C1470V25-167AXC |
72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL(TM) Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PQFP100 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
CY7C1371D-100AXI CY7C1371D-100BGI CY7C1373D-100BZI |
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 18兆位(为512k × 36/1M × 18)流体系结构,通过与NoBLTM的SRAM 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA119 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PQFP100 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 1M X 18 ZBT SRAM, 6.5 ns, PBGA165 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture 512K X 36 ZBT SRAM, 8.5 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1461AV33-100AXC CY7C1463AV33-100AXC CY7C1461AV |
36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL垄芒 Architecture 36-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM with NoBL Architecture(带NoBL结构6-Mbit (1M x 36/2 M x 18/512K x 72) Flow-Through SRAM) 36兆位米x 36 / 2 M中的x 18/512K × 72)流体系结构,通过与总线延迟(带总线延迟结构的的36 - Mbit通过的SRAM100万x 36 / 2 M中的x 18/512K × 72)流的SRAM
|
Cypress Semiconductor Corp.
|
CY7C1472BV25-167BZXC CY7C1472BV25-167BZXI CY7C1472 |
2M X 36 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL垄芒 Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C1474V33-200BGI CY7C1472V33-250BZXI CY7C1470V33 |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 2M X 36 ZBT SRAM, 3 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
M68AR016DN70ZB1T M68AR016DN70ZB6T M68AR016DN70ZH1T |
1M X 16 STANDARD SRAM, 70 ns, PBGA48 16 MBIT (1M X16) 1.8V ASYNCHRONOUS SRAM 16 Mbit 1M x16 1.8V Asynchronous SRAM 16 MBIT (1M X16) 1.8V ASYNCHRONOUS SRAM Circular Connector; No. of Contacts:15; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Cable Receptacle; Insert Arrangement:28-17 RoHS Compliant: No AB 7C 3#8 4#12 PIN RECP 1600万x16 1.8异步SRAM ER 12C 12#16 SKT RECP LINE 1600万x16 1.8异步SRAM AB 12C 12#16 SKT RECP 1600万x16 1.8异步SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IS75V16F64GS16-7080DI |
64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
|
Integrated Silicon Solution, Inc.
|
CY7C1386F-167BGXC CY7C1386F-167BGXI CY7C1386F-200B |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|