PART |
Description |
Maker |
BC857CW BC860CW BC856AW BC857BW BC859W BC856BW BC8 |
PNP Silicon AF Transistors High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-SOIC -55 to 125 自动对焦进步党硅晶体
|
INFINEON[Infineon Technologies AG]
|
UPSD3200 UPSD3253A-24T6 UPSD3253A-24T6T UPSD3234A- |
High Speed CMOS Logic 8-Input Multiplexer, 3-State 16-SOIC -55 to 125 闪存可编程系统器件与8032微控制器内核 Two and Three Channel Codewheels 闪存可编程系统器件与8032微控制器内核 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outpus 20-PDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Panel Mount Optical Encoders Locking Connector Housing Flash Programmable System Device with 8032 Microcontroller Core
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics http://
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
ATF16V8C ATF16V8C-5JC ATF16V8C-7JC ATF16V8C-7JI AT |
High Performance E2 PLD FLASH PLD, 5 ns, PQCC20 High Speed CMOS Logic 3-to-8 Line Decoder/Demultiplexer with Address Latches 16-SOIC -55 to 125 FLASH PLD, 7.5 ns, PDSO20 High Speed CMOS Logic 3-to-8 Line Decoder/Demultiplexer with Address Latches 16-PDIP -55 to 125 FLASH PLD, 7.5 ns, PDSO20 High Speed CMOS Logic Quad Schmitt-Triggered 2-Input NAND Gates 14-SOIC -55 to 125 FLASH PLD, 7.5 ns, PDIP20
|
Atmel, Corp. ATMEL[ATMEL Corporation] http://
|
AS7C1026B AS7C1026B-20TIN AS7C1026B-10JC AS7C1026B |
High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 54K的16 CMOS SRAM 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input AND Gates 14-PDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Analog Devices, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
BL-HG033A BL-HG433A BL-HUB33A BL-HX133A BL-HS133A |
SWITCH High Speed CMOS Logic Dual Positive-Edge-Triggered D Flip-Flops with Set and Reset 14-SOIC -55 to 125 SURFACE MOUNT CHIP LED LAMPS High Speed CMOS Logic Hex Inverters 14-PDIP -55 to 125
|
Yellow Stone Corp 早安股份有限公司
|
ELM7SH00XB |
HIGH SPEED CMOS LOGIC IC 2-input NAND gate
|
ELM Technology Corporation
|
ELM7SH08MB-EL ELM7SH08TB-EL |
HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
|
ELM Technology Corporation
|
ELM7SH08XB-17 |
HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
|
ELM Technology Corporat...
|
ELM7SH32MB-EL ELM7SH32TB-EL |
HIGH SPEED CMOS LOGIC IC ELM7SH32xB 2-input OR gate
|
ELM Technology Corporation
|
BC857 BC856A BC856B BC858B BC859C BC860 BC859 BC85 |
Surface mount Si-Epitaxial PlanarTransistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 High Speed CMOS Logic 12-Stage Binary Counter 16-PDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-PDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter 16-PDIP -55 to 125
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
Q67120-D Q67120-C2274 |
High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker 14-SOIC -55 to 125
|
Infineon Technologies AG
|