PART |
Description |
Maker |
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
2SC1413 2N6371HV 2N6371 2SC1413A 2SC1454 2N3055 2N |
TO-3 Power Package Transistors (NPN) 3功率封装晶体管(NPN)的 TO-3 Power Package Transistors (NPN) 功率封装晶体管(NPN)的
|
ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Unknow
|
BUS98 BUS98A ON0252 |
SITCHMODE Series NPN Silicon Power Transistors From old datasheet system 30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
2N6497 2N6498 ON0098 |
POWER TRANSISTORS NPN SILICON 5 AMPERE POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2SD1760TLP 2SD1760TLQ 2SD1760TLR 2SD1760 2SD1864 |
TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 3A I(C) | SC-63 Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
ROHM
|
PUMH13115 PEMH13-PUMH13-15 |
NPN/NPN double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. NPN/NPN resistor-equipped transistors R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
2SD880-Y 2SD880-Q 2SD880-GR 2SD880-Y-BP 2SD880-GR- |
NPN Silicon Power Transistors 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Micro Commercial Components
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
PUMH20 PEMH20 PUMH20115 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 2.2 kOhm; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|