PART |
Description |
Maker |
BAS516 |
High Spee d Switching Diode
|
Chendahang Electronics ...
|
ADADC71 ADADC72 ADADC72JD ADADC72AD ADADC72KD ADAD |
Complete/ High Resolution 16-Bit A/D Converters Analog-to-Digital Converter16-Bit 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 PWM LED Driver and Boost, Flyback and SEPIC Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CDIP32 Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-24 Complete, High Resolution 16-Bit A/D Converters Complete,High Resolution 16 Bit ADC(完备高分辨率16位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
AD774BAR AD774BBR AD674 AD774BTD AD674BAR AD674BBR |
0-16.5V; 825mW; complete 12-bit A/D Converter Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Complete 12-Bit Successive Approximation Analog-to-Digital Converters With Three-State Output and 8 us Conversion
|
Analog Devices, Inc. AD[Analog Devices] http://
|
ADP1720-3.3 ADUCM360 |
Complete Closed-Loop Precision Analog Microcontroller Thermocouple
|
Analog Devices
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
PIC18F2455 PIC18F2550 PIC18F445 PIC18F4455 PIC18F4 |
A Full Speed USB2.0 capable, PIC18 microcontroller with 32 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow A Full Speed USB2.0 capable, PIC18 microcontroller with 24 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow 28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance / Enhanced Flash USB Microcontrollers with nanoWatt Technology
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
SHM-50 SHM-50GC SHM-50GM SHM-50MC SHM-50MM |
Miniature, High-Speed, Complete 隆戮0.05% Sample Hold Amplifiers Miniature, High-Speed, Complete ±0.05% Sample Hold Amplifiers
|
Murata Power Solutions Inc.
|
ADADC71KD ADADC72BD ADADC71JD |
Complete High Resolution 16-Bit A/D Converters
|
Analog Devices
|
DAC-4565 |
Complete High Speed 12 Bit Monolithic D/A Converter
|
Raytheon
|
AD1376JD AD1376KD AD1377 AD1377JD AD1377KD AD1316 |
Complete High Speed 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converter 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/8-27 NPT, 10 Vdc excitation 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
ISL8204M |
(ISL8204M / ISL8206M) Complete High Efficiency DC/DC Power Supply
|
Intersil Corporation
|
AD9200ARS AD9200ARSRL AD9200JRS AD9200JRSRL AD9200 |
Complete 10-Bit/ 20 MSPS/ 80 mW CMOS A/D Converter Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP48 Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter 完整0位,20 MSPS0毫瓦的CMOS A / D转换
|
Analog Devices, Inc.
|