PART |
Description |
Maker |
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61NP12832 IS61NP25618 IS61NLP12832-5B IS61NP1283 |
PIPELINE NO WAIT STATE BUS SRAM 256K X 18 ZBT SRAM, 5 ns, PQFP100 PIPELINE NO WAIT STATE BUS SRAM 128K X 32 ZBT SRAM, 5 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 PIPELINE NO WAIT STATE BUS SRAM 管道编号WAIT状态总线的SRAM PIPELINE NO WAIT STATE BUS SRAM 128K X 36 ZBT SRAM, 3.8 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 256K X 18 ZBT SRAM, 4.2 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 36 ZBT SRAM, 4.2 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 32 ZBT SRAM, 5 ns, PQFP100 PIPELINE NO WAIT STATE BUS SRAM 256K X 18 ZBT SRAM, 3.8 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 36 ZBT SRAM, 5 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 32 ZBT SRAM, 4.2 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 32 ZBT SRAM, 4.2 ns, PQFP100 PIPELINE NO WAIT STATE BUS SRAM 256K X 18 ZBT SRAM, 5 ns, PBGA119 PIPELINE NO WAIT STATE BUS SRAM 128K X 32 ZBT SRAM, 3.8 ns, PQFP100 PIPELINE NO WAIT STATE BUS SRAM 128K X 32 ZBT SRAM, 3.8 ns, PBGA119
|
Integrated Silicon Solu... Integrated Silicon Solution, Inc.
|
AS7C33128PFD32B |
(AS7C33128PFD32B / AS7C33128PFD36B) 3.3V 128K X 32/36 pipeline burst synchronous SRAM
|
Alliance Semiconductor Corporation
|
AS5SP128K36DQ-35XT AS5SP128K36DQ-35ET AS5SP128K36D |
128K X 36 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 128K X 36 CACHE SRAM, 4 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 Plastic Encapsulated Microcircuit 4.5Mb, 128K x 36, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
Austin Semiconductor, Inc
|
IDT29FCT520C IDT29FCT520BSOB IDT29FCT520BSO IDT29F |
MULTILEVEL PIPELINE REGISTER 8-BIT, DSP-PIPELINE REGISTER, CQCC28 MULTILEVEL PIPELINE REGISTER 8-BIT, DSP-PIPELINE REGISTER, CDIP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
CY62137CVSL-70BVI CY62137CV CY62137CV25 CY62137CV2 |
Very high speed: 55 ns and 70 ns (CY62137CV25 / CY62137CV30 / CY62137CV33) 2M (128K x 16) Static RAM 32-Bit Transparent D-Type Latch with 3-State Outputs 96-LFBGA -40 to 85 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 55 ns, PBGA48 2M (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
LH532000B LH532000BT |
CMOS 2M (256K x 8/128K x 16) MROM 200万的CMOS56 × 8/128K × 16MROM LH532000BT CMOS 1M (128K x 8) Mask Programmable ROM 48-pin TSOP
|
Sharp, Corp. Sharp Corporation Sharp Electrionic Components Sharp Electronics Corp.
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
TDC1011B2A TDC1011B2C TDC1011C3C TDC1011B7C TDC101 |
8-BIT, DSP-PIPELINE REGISTER, CDIP24 8-BIT, DSP-PIPELINE REGISTER, CQCC28
|
TRW INC
|
AS7C33256PFD16A AS7C33256PFD18A AS7C33256PFD18A-10 |
3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 100 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 133 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 150 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, clock speed - 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 100 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, clock speed - 166 MHz
|
Alliance Semiconductor
|
AS7C33128PFS32_36B AS7C33128PFS32B AS7C33128PFS32B |
Sync SRAM - 3.3V 3.3V 128K X 32/36 pipeline burst synchronous SRAM LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
|