PART |
Description |
Maker |
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
AD7872TQ3 |
LC2MOS Complete 14-Bit, Sampling ADCs
|
Analog Devices
|
AD7242 AD7242AQ AD7242BQ AD7242JN AD7242JR AD7242K |
LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
|
AD[Analog Devices]
|
MAX172 MAX172ACNG MAX172ACWG MAX172AING MAX172AMRG |
RECTIFIER 6A 200V R-6 JT 4C 4#16 PIN RECP Replaced by TMS320VC5506 : Digital Signal Processors 100-LQFP 0 to 0 Complete 10レs CMOS 12-Bit ADC Complete 10s CMOS 12-Bit ADC Complete 10us CMOS 12-Bit ADC
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7778AS AD7776 AD7776AR AD7777AN |
LC2MOS/ High Speed 1-/ 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs 4-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28 LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS,高 - -
|
Analog Devices, Inc.
|
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD79024 |
LC2MOS 20-Bit Data Acquisition System LC2MOS 20位数据采集系
|
Analog Devices, Inc.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
AD7247 AD7247AQ AD7247BQ AD7247JN AD7247JR AD7247K |
OPTOISOLATOR, 100% CTR TRANSISTOR OUTPUT LC2MOS DUAL 12-BIT DACPORT
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7248AAQ AD7248AAR AD7248AAP AD7245AAN |
LC2MOS 12-Bit DACPORTs PARALLEL, 8 BITS INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, CDIP20 LC2MOS 12-Bit DACPORTs PARALLEL, 8 BITS INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, PDSO20 LC2MOS 12-Bit DACPORTs PARALLEL, 8 BITS INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, PQCC20 POLARIZED CAPACITOR (RADIAL) PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, PDIP24
|
Analog Devices, Inc.
|
|