PART |
Description |
Maker |
HA1-2842883 HA-2842883 HA7-2842883 HA-2842_883 FN3 |
From old datasheet system Wideband, High Slew Rate, High Output Current, Video Operational Amplifier Wideband/ High Slew Rate/ High Output Current/ Video Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HA-2842/883 |
Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
|
Harris Semiconductor
|
5962-8963601GC |
Monolithic, Wideband, High Slew Rate, High Output Current Buffer; Temperature Range: -55°C to 125°C; Package: 8-Can BUFFER AMPLIFIER, MBCY8
|
Intersil, Corp.
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
BDP954 Q62702-D1340 BDP952 BDP956 Q62702-D1344 Q62 |
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AD8017ARZ-REEL AD8017ARZ |
Low Cost High Output Current High Output Voltage Line Driver
|
Analog Devices
|
AD8016ARE-EVAL AD8016ARB-EVAL AD8016ARB-REEL AD801 |
Low Power, High Output Current xDSL Line Driver ER 6C 4#16 2#8 PIN RECP WALL Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Low Power/ High Output Current xDSL Line Driver Low Power, High Output Current xDSL Line Driver DUAL OP-AMP, 3000 uV OFFSET-MAX, PDSO20
|
Analog Devices, Inc. http://
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|