PART |
Description |
Maker |
HFCT-5208M HFBR-5208M |
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications(应用22 Mb/s ATM/SONET/SDH x 9光纤收发
|
Agilent(Hewlett-Packard)
|
PM5362-RI |
SONET/SDH TRIBUTARY UNIT PAYLOAD PROCESSOR / PERFORMANCE MONITOR ATM/SONET/SDH SUPPORT CIRCUIT, PQFP160
|
PMC-Sierra, Inc.
|
V23826-H18-C V23826-H18-C316 V23826-H18-C356 V2382 |
TRANSCEIVER, XFO Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (?40?C to 85?C) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (40C to 85C) 单模622 MBd的ATM SDH / SONET1x9收发器扩展温度范围(40 ° C5?丙 SM 622 MBd ATM/SDH/SONET Transceiver
|
INFINEON[Infineon Technologies AG]
|
HFCT-5202 |
155 Mb/s Single Mode Fiber Transceiver with Integrated Clock and Data Recovery for ATM, SONET OC-3/SDH STM-1(应用于ATM, SONET OC-3/SDH STM-1带集成时钟和数据恢复55 Mb/s单模式光收发
|
Agilent(Hewlett-Packard)
|
HFCT-5215B HFCT-5215D |
155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(应用于ATM, SONET OC-3/SDH STM-1 (L1.1)55 Mb/s单模式激光收发器) 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(搴??浜?TM, SONET OC-3/SDH STM-1 (L1.1)??55 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|
HFCT-5218EM HFCT-5218FM HFCT-5218M |
TRANSCEIVER, XFO 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Metalized housing 622 Mbit / s的单模光纤(40公里x9收发器用于SONET / SDH的。自动柜员机(的OC - 12):金属化住 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Flush shield.metal housing 622 Mbit / s的单模光纤(40公里x9收发器用SONET / SDH的。自动柜员机(的OC - 12):刷新shield.metal住房 HFCT-5218M · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Metalized housing HFCT-5218FM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Flush shield,metal housing HFCT-5218EM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Ext. shield, metal housing
|
SMSC, Corp. Agilent (Hewlett-Packard)
|
HFBR-5207 |
622 Mbps Multimode Fiber Transceiver for ATM,SONET STS-12/SDH STM-4(应用ATM,SONET STS-12/SDH STM-422 Mbps多模式光收发
|
Agilent(Hewlett-Packard)
|
S3041 |
SONET/SDH/ATM OC-48 8:1 Transmitter(带片上高频锁相环 SONET/SDH传送器(集成SONET OC-48接口器件
|
Applied Micro Circuits Corp.
|
M2080-2087 M2080 M2087 M2081 M2082 M2085 M2086 M20 |
ATM/SONET/SDH SUPPORT CIRCUIT, CQCC36 VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
|
INTEGRATED DEVICE TECHNOLOGY INC ICSI[Integrated Circuit Solution Inc] ICST[Integrated Circuit Systems]
|
V23836-C18-C363 V23836-C18-C63 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 3,3 V, DC/DC coupling Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 5 V, DC/DC coupling 1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1 1x9收发器与双工SC插孔单模1300纳米21公里与SONET OC - 3 / SDH的的STM - 1
|
Infineon Technologies A... Infineon Technologies AG
|