PART |
Description |
Maker |
HFCT-5208M HFBR-5208M |
1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications(应用22 Mb/s ATM/SONET/SDH x 9光纤收发
|
Agilent(Hewlett-Packard)
|
V23826-H18-C366 SCDUPLEXIR1X93.3V-40 |
DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range 直流/直流电压3.3V)单22 MBd的ATM SDH / SONETx9收发器扩展温度范 Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (40C to 85C) Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, DC/DC coupling, Ext. Temp. Range, SC, 3.3 V
|
INFINEON[Infineon Technologies AG]
|
HFCT-5006 HFCT-5961NG HFCT-5961NL HFCT-5961ATL HFC |
HFCT-5006 · Evaluation Kit for SFF LC Singlemode for SONET/SDH, ATM (OC-3/OC-12) Applications HFCT-5961NG · 155 Mbit/s SMF (40km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5961NL · 155 Mbit/s SMF (40km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5961ATL · 155 Mbit/s SMF (15km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5961ATG · 155 Mbit/s SMF (15km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/o EMI Shield HFCT-5961TL · 155 Mbit/s SMF (15km) 2x5 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield
|
Agilent (Hewlett-Packard)
|
HFCT-5215B HFCT-5215D |
155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(应用于ATM, SONET OC-3/SDH STM-1 (L1.1)55 Mb/s单模式激光收发器) 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(搴??浜?TM, SONET OC-3/SDH STM-1 (L1.1)??55 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|
HFCT-5218M |
622 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-12/SDH STM-4 (L4.1)(应用于ATM, SONET OC-12/SDH STM-4 (L4.1)22 Mb/s单模式激光收发器) 622 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-12/SDH STM-4 (L4.1)(搴??浜?TM, SONET OC-12/SDH STM-4 (L4.1)??22 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|
FX-424-DPC-A4S8G FX-424-DPC-D4S8G FX-424-DPF-A4S8G |
ATM/SONET/SDH SUPPORT CIRCUIT, DSO13 20.30 X 13.70 MM, 5.10 MM HEIGHT, ROHS COMPLIANT, SURFACE MOUNT, PACKAGE-14/13 ATM/SONET/SDH SUPPORT CIRCUIT, DSO13 20.30 X 13.70 MM, 5.10 MM HEIGHT, SURFACE MOUNT, PACKAGE-14/13 ATM/SONET/SDH SUPPORT CIRCUIT, DMA424
|
Vectron International, Inc.
|
CS3455 |
SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
|
Applied Micro Circuits Corp.
|
HFCT-5218EM HFCT-5218FM HFCT-5218M |
TRANSCEIVER, XFO 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Metalized housing 622 Mbit / s的单模光纤(40公里x9收发器用于SONET / SDH的。自动柜员机(的OC - 12):金属化住 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Flush shield.metal housing 622 Mbit / s的单模光纤(40公里x9收发器用SONET / SDH的。自动柜员机(的OC - 12):刷新shield.metal住房 HFCT-5218M · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Metalized housing HFCT-5218FM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Flush shield,metal housing HFCT-5218EM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Ext. shield, metal housing
|
SMSC, Corp. Agilent (Hewlett-Packard)
|
HFBR-5207 |
622 Mbps Multimode Fiber Transceiver for ATM,SONET STS-12/SDH STM-4(应用ATM,SONET STS-12/SDH STM-422 Mbps多模式光收发
|
Agilent(Hewlett-Packard)
|
PM73487 PM73487-PI |
622 Mbps ATM Traffic Management Device ATM/SONET/SDH SUPPORT CIRCUIT, PBGA503
|
PMC-Sierra, Inc.
|
S3083 |
SONET/SDH/ATM OC-48 16 Transmitter(带片上高频锁相环的SONET/SDH 16传送器)
|
Applied Micro Circuits Corp.
|
LC-155A2H1 LC-155A2H1A LC-155A2H1AH LC-155A2H1AT L |
155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps 2x5准系统LC双工光收发模块的快速以太网,ATM,SONET / SDH的STM-1/OC-3 155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps 2x5准系LC双工光收发模块的快速以太网,ATM,SONET / SDH的STM-1/OC-3
|
DELTA[Delta Electronics, Inc.]
|