PART |
Description |
Maker |
HFCT-5942AG HFCT-5942 HFCT-5942TG HFCT-5942TL HFCT |
HFCT-5942TL · 2488 Mbit/s SMF (15km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) 0C to 70C: w/ EMI Shield HFCT-5942TG · 2488 Mbit/s SMF (15km) 2x10 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/o EMI Shield HFCT-5942L · 2488 Mbit/s SMF (2km) 2x10 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/ EMI Shield HFCT-5942G · 2488 Mbit/s SMF (2km) 2x10 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/o EMI Shield HFCT-5942ATL · 2488 Mbit/s SMF (15km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -20C to 85C: w/ EMI Shield HFCT-5942ATG · 2488 Mbit/s SMF (15km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -20C to 85C: w/o EMI Shield HFCT-5942AL · 2488 Mbit/s SMF (2km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -40C to 85C: w/ EMI Shield HFCT-5942AG · 2488 Mbit/s SMF (2km) 2x10 SFF LC for SONET/SDH, ATM (OC-48) -40C to 85C: w/o EMI Shield HFCT-5005 · Evaluation Kit for SFF LC for SONET/ATM OC-48 or Gigabit Ethernet or Dual Spec Applications Single Mode Laser Small Form Factor Transceivers for ATM, SONET OC-48/SDH STM-16 Part of the Agilent METRAK family
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
V23826-H18-C366 SCDUPLEXIR1X93.3V-40 |
DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range 直流/直流电压3.3V)单22 MBd的ATM SDH / SONETx9收发器扩展温度范 Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (40C to 85C) Transceivers by Form-factor MSA - ATM/SONET/SDH, 1300 nm, 622 Mbit/s, 15 km, 1x9, DC/DC coupling, Ext. Temp. Range, SC, 3.3 V
|
INFINEON[Infineon Technologies AG]
|
S3055 |
SONET/SDH/ATM OC-48 16 Bit Transceiver with CDR(SONET/SDH 带CDR6位收发器(完全集B>OC-48接口器件
|
Applied Micro Circuits Corp.
|
V23826-H18-C V23826-H18-C316 V23826-H18-C356 V2382 |
TRANSCEIVER, XFO Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (?40?C to 85?C) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range (40C to 85C) 单模622 MBd的ATM SDH / SONET1x9收发器扩展温度范围(40 ° C5?丙 SM 622 MBd ATM/SDH/SONET Transceiver
|
INFINEON[Infineon Technologies AG]
|
HFCT-5215B HFCT-5215D |
155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(应用于ATM, SONET OC-3/SDH STM-1 (L1.1)55 Mb/s单模式激光收发器) 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)(搴??浜?TM, SONET OC-3/SDH STM-1 (L1.1)??55 Mb/s??ā寮????????)
|
Agilent(Hewlett-Packard)
|
HFBR-5207 |
622 Mbps Multimode Fiber Transceiver for ATM,SONET STS-12/SDH STM-4(应用ATM,SONET STS-12/SDH STM-422 Mbps多模式光收发
|
Agilent(Hewlett-Packard)
|
S3067 |
Multirate SONET/SDH/ATM Transceiver with FEC(带正向纠错功能的多速率SONET/SDH/ATM收发
|
Applied Micro Circuits Corp.
|
M2080-2087 M2080 M2087 M2081 M2082 M2085 M2086 M20 |
ATM/SONET/SDH SUPPORT CIRCUIT, CQCC36 VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
|
INTEGRATED DEVICE TECHNOLOGY INC ICSI[Integrated Circuit Solution Inc] ICST[Integrated Circuit Systems]
|
V23836-C18-C363 V23836-C18-C63 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 3,3 V, DC/DC coupling Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 155 Mbit/s, 21 km, 1x9, SC Duplex Connector, 5 V, DC/DC coupling 1x9 Transceiver with Duplex SC Receptacle Single Mode 1300 nm 21 km SONET OC-3 / SDH STM-1 1x9收发器与双工SC插孔单模1300纳米21公里与SONET OC - 3 / SDH的的STM - 1
|
Infineon Technologies A... Infineon Technologies AG
|
HFCT-5962NG HFCT-5962TG HFCT-5962ATG HFCT-5962ATL |
HFCT-5962NG · 155 Mbit/s SMF (40km) 2x10 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5962TG · 155 Mbit/s SMF (15km) 2x10 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/o EMI Shield HFCT-5962ATG · 155 Mbit/s SMF (15km) 2x10 PECL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C:w/o EMI Shield HFCT-5962ATL · 155 Mbit/s SMF (15km) 2x10 PECL SFF LC for SONET/SDH, ATM (OC-3) -40C to 85C: w/ EMI Shield HFCT-5962NL · 155 Mbit/s SMF (40km) 2x10 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield HFCT-5962TL · 155 Mbit/s SMF (15km) 2x10 PECL SFF LC for SONET/SDH, ATM (OC-3) 0C to 70C: w/ EMI Shield
|
Agilent (Hewlett-Packard)
|
LC-155A2H1 LC-155A2H1A LC-155A2H1AH LC-155A2H1AT L |
155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps 2x5准系统LC双工光收发模块的快速以太网,ATM,SONET / SDH的STM-1/OC-3 155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3 155Mbps 2x5准系LC双工光收发模块的快速以太网,ATM,SONET / SDH的STM-1/OC-3
|
DELTA[Delta Electronics, Inc.]
|