PART |
Description |
Maker |
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
FM24C32 FM24C32U FM24C32UFTVM8 FM24C32UFTM8 FM24C3 |
EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
R1EX24032ASAS0A R1EX24032ATAS0A |
Two-wire serial interface 32k EEPROM (4-kword × 8-bit)
|
Renesas Electronics Corporation
|
R1EX24032ASA00A09 |
Two-wire serial interface 32k EEPROM (4-kword × 8-bit)
|
Renesas Electronics Corporation
|
CAT24FC256_05 CAT24FC256 CAT24FC256GLA-1.8TE13 CAT |
256K-Bit I2C Serial CMOS EEPROM 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, MS-001, DIP-8 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
http:// CATALYST[Catalyst Semiconductor] Ecliptek, Corp.
|
LE24C322M |
Two Wire Serial Interface EEPROM (32k EEPROM)
|
Sanyo Semicon Device
|
HN58X2432SI05 HN58X2432STIE HN58X2464STIE HN58X246 |
Two-wire serial interface 32k EEPROM (4-kword 隆驴 8-bit)/64k EEPROM (8-kword 隆驴 8-bit) Two-wire serial interface 32k EEPROM (4-kword × 8-bit)/64k EEPROM (8-kword × 8-bit)
|
Renesas Electronics Corporation
|
X24321 X24321S8 X24321S8-1.8 X24321S8-2.5 X24321S8 |
32K (4K x 8bit) 400KHz 2-wire serial E2PROM 400 KHz 2-Wire Serial E2PROM Series 940-F/947, 3000 mm [118.0 in] scan distance, Plastic M30, Prewired 2 m, switching output NPN, adjustment potentiometer
|
XICOR[Xicor Inc.]
|
AT24C64A AT24C64A-10PI-1.8 AT24C64A-10PI-2.7 AT24C |
32/64K, 2-Wire Bus Serial EEPROM w/Cascadable Features, Full Write Protect and high speed at medium voltage. 2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
|
ATMEL[ATMEL Corporation]
|
24LC32T-_P 24LC32T-_SM 24LC32T-I_P 24LC32T-I_SM 24 |
4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K 2.5V I2C Smart Serial EEPROM 32K 2.5V I2C⑩ Smart Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
NM24C17UFTLZN NM24C16UTLZN NM24C17UTLZN NM24C16UFT |
16K-Bit Serial EEPROM 2-Wire Bus Interface 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 16K-Bit Serial EEPROM 2-Wire Bus Interface 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp.
|