PART |
Description |
Maker |
MN101CF95F MN101CF95G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101CF91D |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C67D MN101C67G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C75D |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C39C MN101C399 |
Microcomputer - 8bit - General Purpose From old datasheet system
|
Panasonic
|
MN101C57C MN101C57D |
Microcomputer - 8bit - General Purpose From old datasheet system
|
Panasonic
|
MN101C62F MN101C62D MN101C62 |
Microcomputer - 8bit - General Purpose LQFP080-P-1414A(Pb Free) The lower limit for operation guarantee for flash memory built-in type is 2.5 V 8-BIT, MROM, 20 MHz, MICROCONTROLLER, PQFP80
|
PANASONIC[Panasonic Semiconductor] Matsshita / Panasonic Panasonic Corporation Panasonic, Corp.
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
MN103E010H MN103E010HRA MN103E040HYB |
Microcomputer - 32bit - General Purpose Microcomputers/Controllers
|
Panasonic Matsushita Electric Works(Nais)
|
MN102L59D |
Microcomputer - 16bit - General Purpose From old datasheet system
|
Panasonic
|