PART |
Description |
Maker |
FBR522ND12-W1 FBR512 FBR512ND06-W1 FBR512ND09-W1 F |
COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
FTR-P4CP012W1-01 FTR-P4 FTR-P4CN009W1 FTR-P4CN009W |
COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE-25 A FOR AUTOMOTIVE APPLICATIONS
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
CR2-12V |
Twin Power Silent Automotive Relay POWER/SIGNAL RELAY, SPDT, LATCHED, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 10A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Panasonic, Corp.
|
2SD214309 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60隆戮10V, 2A) Medium Power Transistor (Motor, Relay drive) (60±10V, 2A) 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
2SK2606 |
N CHANNEL MOS TYPE (DC-DC CONVERTER/ RELAY DRIVE AND MOTOR DRIVE APPLICATIONS) N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS) Field Effect Transistor Silicon N Channel MOS Type (pi-MOSIII) DC .DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK3437 |
MOSFET 2SK/2SJ Series DC-DC Converter Relay Drive and Motor Drive Applications DC-DC Converter, Relay Drive and Motor Drive Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
2SD2212T100 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60V,10V, 2A) Medium Power Transistor (Motor, Relay drive) (60?0V, 2A)
|
Rohm Littelfuse Renesas Electronics Corporation
|
2SB1674 |
For Motor / Relay drive (-120V, -6A)
|
Rohm
|
ZCPR |
MOTOR START POTENTIAL RELAY
|
American Zettler, Inc.
|
MLX81150 MLX81150LLQAA000RE MLX81150LLQAA000TU MLX |
LIN-Slave for relay and DC motor control
|
Melexis Microelectronic Systems Melexis Microelectronic Sys...
|
2SD2170 |
Medium Power Transistor(Motor, Relay drive) (90 , 2A)
|
ROHM[Rohm]
|