PART |
Description |
Maker |
X1288V14IZ-4.5A X1288V14-2.7A X1288V14Z-2.7A X1288 |
1 TIMER(S), REAL TIME CLOCK, PDSO14 2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM 2-Wire?/a> RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM 1 TIMER(S), REAL TIME CLOCK, PDSO16 0.300 INCH, PLASTIC, SOIC-16
|
Intersil Corporation http:// Intersil, Corp.
|
PCF8563T/F4118 |
Real-time clock/calendar; Package: SOT96-1 (SO8); Container: Tape reel smd 0 TIMER(S), REAL TIME CLOCK, PDSO8
|
NXP Semiconductors N.V.
|
ISL12024IVZ ISL12024IBZ-T |
Real-Time Clock/Calendar with Embedded Unique ID 0 TIMER(S), REAL TIME CLOCK, PDSO8 Real-Time Clock/Calendar with Embedded Unique ID; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 0 TIMER(S), REAL TIME CLOCK, PDSO8
|
Intersil, Corp.
|
DS1306 DS1306E DS1306ETR DS1306E/TR DS1306N DS1306 |
Serial Alarm Real-Time Clock 0 TIMER(S), REAL TIME CLOCK, PDSO20
|
MAXIM INTEGRATED PRODUCTS INC
|
X1286V14 X1286V14I X1286A8I |
Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286 1 TIMER(S), REAL TIME CLOCK, PDSO14 Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286 1 TIMER(S), REAL TIME CLOCK, PDSO8
|
Intersil, Corp. http://
|
CY14B108K-ZS25XIT CY14B108K-ZS45XI CY14B108K-ZS45X |
8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock 8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock; Organization: 1Mb x 8; Vcc (V): 2.7 to 3.6 V; Density: 8 Mb; Package: TSOP
|
CYPRESS SEMICONDUCTOR CORP
|
ISL12024IRTCZ |
Real-Time Clock/Calendar with Embedded Unique ID; Temperature Range: -40°C to 85°C; Package: 8-TDFN REAL TIME CLOCK, DSO8
|
Intersil, Corp. Intersil Corporation
|
CY14B104M-ZSP20XCT CY14B104K-ZS25XI CY14B104M-ZSP2 |
4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock 4-Mbit (512 K × 8/256 K × 16) nvSRAM with Real Time Clock
|
Cypress Semiconductor
|
DS12C887 12C887 DS12C887NBSP DS12C887A |
Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Black; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes From old datasheet system Real-Time Clock Real Time Clock
|
Dallas Semiconductor Corp DALLAS[Dallas Semiconducotr] DALLAL DALLAS[Dallas Semiconductor]
|
LTI202FTN LTI202TN LTI202UFTN LTI206FTN LTI206TN L |
200 V - 1,000 V Negative Center Tap 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
|
Voltage Multipliers Inc.
|