PART |
Description |
Maker |
CMPWR161 CMPWR161R CMPWR161Y |
Micropower, Low Noise 4.75V/150mA Low Dropout Regulator Micropower, Low Noise 4.75V/150mA LDO Regulator
|
California Micro Devices Corp
|
LT1762 LT1762-5 LT1762-3.3 LT1762-3 LT1762-2.5 LT1 |
150mA, Low Noise, LDO Micropower Regulators(3.3V输出50mA,低噪声,低压差稳压器) 150mA的,低噪声,LDO的微功耗稳压器3.3V的输出,50mA,低噪声,低压差稳压器) 150mA, Low Noise, LDO Micropower Regulators(2.5V输出50mA,低噪声,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
CM3018 |
Micropower 150mA Low Noise CMOS Regulator
|
California Micro Devices
|
CM3018-33ST CM3018 CM3018-15CP CM3018-15CS CM3018- |
Micropower, 150mA Low Noise CMOS Regulator with Fast Response
|
CALMIRCO[California Micro Devices Corp]
|
R1120N R1120N301A R1120N301A-TL R1120N301A-TR R112 |
Low noise 150mA LDO regulator. Output voltage 2.3V. H active type. Taping specification TL. LOW NOISE 150mA L.D.O REGULATOR
|
RICOH[RICOH electronics devices division]
|
5TT6 5TT8 5TT2 5TT3 5TT4 5TT5 5TT125 5TTP1.25 5TTP |
1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References CMOS, Micropower, Inverting Switching Regulator 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple-Voltage µP Supervisory Circuits
|
|
1844F LTC1844ES5-3.3TRPBF LTC1844ES5-3.3PBF LTC184 |
150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
R1113Z501A-EX R1113Z351A-EX R1113Z301A-EX R1113Z15 |
LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压 LOW NOISE 150mA LDO REGULATOR 3.5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PBGA4
|
Ricoh Co., Ltd.
|
R1120N501B-TL R1120N301A-TL R1120N501ATR R1120N501 |
LOW NOISE 150mA L.D.O REGULATOR FIXED POSITIVE LDO REGULATOR, PDSO5 CAP 0.27UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 FIXED POSITIVE LDO REGULATOR, PDSO5 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 LOW NOISE 150mA L.D.O REGULATOR 低噪50mA的LDO稳压
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
LT3015 LT3080 LT3080-1 LT1175 LT1185 LT1764A LT196 |
1.5A, Low Noise, Negative Linear Regulator Dual 150mA Positive/Negative Low Noise
|
Linear Technology
|
MIC5255 MIC5255-2.5BM5 MIC5255-2.5YM5 MIC5255-2.6B |
150mA Low Noise UCap CMOS LDO 150mA Low Noise UCap CMOS LDO 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 3.3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 IGBT Modules up to 600V PIM 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise UCap CMOS LDO 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 4.5V to 20V, 6A Synchronous Step Down SWIFT Converter 16-HTSSOP -40 to 150 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 600 kHz 14-HTSSOP -40 to 125 T1/E1 Transformer 5.5V to 36V, 5A, 500kHz Step Down SWIFT Converter 8-SO PowerPAD -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] MICREL INC
|