PART |
Description |
Maker |
CM3015-33ST CM3015 CM3015-00 CM3015-00MA CM3015-00 |
Micropower, 300mA Low Dropout CMOS Regulator
|
CALMIRCO[California Micro Devices Corp]
|
CM3015 |
Micropower 300mA Low Dropout CMOS Regulator
|
California Micro Devices
|
LT1521-5 LT1521-3.3 LT1521-3 LT1521 |
300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown From old datasheet system
|
Linear
|
SPX2808M3-3.3_TR SPX2808M3-3.5_TR SPX2808 SPX2808M |
300mA Low Dropout Voltage Regulator 300mA Low Dropout Voltage Regulator, 3% 300mA Low Dropout Voltage Regulator, 2% 3.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 LEAD FREE, SOT-223, 3 PIN 3.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 LEAD FREE, SOT-89, 3 PIN
|
SIPEX[Sipex Corporation] Exar, Corp.
|
LTC3025 LTC3025-1 LTC3025-11 LTC3025-2 LTC3025-3 L |
500mA Micropower VLDO Linear Regulators Fast Transient Recovery 300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.4 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 300mA Micropower VLDO Linear Regulator; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.185 V DROPOUT, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX8887EZK29-T MAX8887EZK33-T MAX8888EZK33-T MAX88 |
Low-Dropout, 300mA Linear Regulators in SOT23 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AMC7635 AMC7635-1.5 AMC7635-1.8 AMC7635-2.0 AMC763 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 300mA CMOS LOW DROPOUT REGULATOR
|
ADDtek Corp.
|
MC33264 MC33264D-2.8 MC33264D-3.0 MC33264D-3.3 MC3 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 3.8 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 4.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 2.8 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|