PART |
Description |
Maker |
AMR2803R3S AMR2805S AMR2812S AMR2815S AMR2812SEM A |
Hi-Rel DC-DC Rad-Tolerant Single Converter in a AMR package 30W; 28V input; single output; advanced analog radiation tolerant DC/DC converter
|
International Rectifier
|
UWR-121650-D48A UWR-151300-D48A UWR-121650-D12A |
12V 14-20W, single output DC/DC converter 15V 14-20W, single output DC/DC converter
|
Datel
|
QEB100-48S05-K QEB100-48S1P8-L |
Input range:36-75 VDC;output voltage:5 VDC; output current:20 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:30 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|
WRB2412LT-3WR2 |
SINGLE OUTPUT DC/DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
WRB2412MT-3W WRB2403MT-3W WRB4803MT-3W WRB2424MT-3 |
SINGLE OUTPUT , DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd. MORNSUN Science& Techno...
|
WRB0503T-2W WRB2403T-3W WRB4805T-3W WRB1209T-3W WR |
3W SINGLE OUTPUT DC/DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
CFM05S120-M CFM05S050-M CFM05S150-M |
Single Output AC/DC Converter
|
Make-Ps
|
FB2405S-2W FB2409S-2W FB1209S-2W FB1215S-2W FB0515 |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
IB2405S-2W IB1505S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
KRB1205P-3W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Techno...
|