PART |
Description |
Maker |
BL8536 |
0.9V Startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
|
SHANGHAI BELLING CO., L...
|
2SD633P |
V(cbo): 100V; V(ceo): 85V; V(ebo): 6V; 6A; 60W; epitaxial planar silicon transistor. For 85V/6A, AF 35 to 45W output applications
|
SANYO
|
CDSH3-99-G CDSH3-56-G CDSH3-70-G CDSH3-16-G12 |
Switching Diodes Array, V-RRM=85V, V-R=85V, P-D=150mW, I-F=155mA Small Signal Switching Diodes
|
Comchip Technology
|
2SD613 2SD613F |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset POWER TRANSISTORS(6A/85V/40W) POWER TRANSISTORS(6A,85V,40W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
LTC2754BCUKG-16PBF LTC2754BCUKG-16TRPBF |
Quad 12-/16-Bit SoftSpan IOUT DACs
|
Linear Technology
|
LTC2754 |
Quad 12-Bit SoftSpan Iout DACs
|
Linear Technology Corporation
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
BYT60-400 |
60A Iout, 400V Vrrm Fast Recovery Rectifier
|
SGS-Thomson
|
DNT12SIP05 |
Pre-bias startup
|
Delta Electronics, Inc.
|
MAX1858A-MAX1876A MAX1875AEEG MAX1876AEEG MAX1858 |
Dual 180° Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR Dual 180 Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR Dual 180∑ Out-of-Phase Buck Controllers with Sequencing/Prebias Startup and POR
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|