PART |
Description |
Maker |
08-58-0103 08-50-0120 08-52-0072 08-56-0105 08-52- |
KK 156 TERMINAL CRIMP 18-24 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Brass; Contact Plating:Tin BRASS, WIRE TERMINAL Connector Contact,SKT,IDC Terminal RoHS Compliant: Yes Solderless Terminal; Wire Size (AWG):26-22 RoHS Compliant: Yes KK 156 TERMINAL CRIMP 18-24 AWG TIN
|
Molex, Inc. ITT, Corp. MOLEX INC
|
50351-8100 0503518100 |
2.50mm (.098) Pitch Mini-Lock Wire-to-Board and Wire-to-Wire Crimp Terminal, Phosphor Bronze, Bag, for 51102, 51103 and 51163 Housings
|
Molex Electronics Ltd.
|
0501338100 50133-8100 |
1.25mm (.049) Pitch PicoBlade?/a> Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049) Pitch PicoBlade Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag 1.25mm (.049") Pitch PicoBlade垄芒 Wire-to-Wire Crimp Terminal, Male, 28-32 AWGBag MOLEX Connector
|
Molex Electronics Ltd.
|
02-06-1202 02-06-1206 02-06-1205 02-06-1201 02-06- |
Crimp Socket Contact; Wire Size (AWG):24-18; Contact Material:Phosphor Bronze PHOSPHOR BRONZE, TIN FINISH, WIRE TERMINAL TERMINAL FOR USE WHITH 1.57/0.62 DIA. SERIES HOUSINGS PHOSPHOR BRONZE, GOLD FINISH, WIRE TERMINAL
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
TM-638000029 TM-638000029CN TM-638000029DE TM-6380 |
Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
|
Molex Electronics Ltd.
|
50398-8100 0503988100 |
2.50mm (.098) Pitch Wire-to-Wire Crimp Terminal, Male, 50398, Bag, for 51112Housing
|
Molex Electronics Ltd.
|
39-00-0038 |
Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, TIN OVER COPPER FINISH, WIRE TERMINAL
|
Molex, Inc.
|
19127-0086 19095-0138 19127-0044 19127-0090 19127- |
CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL BB-886-08 Flanged Spade Avikrimp 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE AVIKRIMP TAPED (BB-816-08T 2 mm2, BRASS, WIRE TERMINAL 191270090 6 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #6 14-16AWG 2 mm2, BRASS, WIRE TERMINAL FLANGED SPADE VERSAKRIMP (BB-316-08) 2 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc. KEMET Corporation
|
05-02-0091 |
CRIMP TERMINAL 1457-6 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
1044668002 SD-104466-001 |
2.00mm (.079) Pitch Wire-to-Board Crimp Terminal, Reel 2.00mm (.079") Pitch Wire-to-Board Crimp Terminal, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
35427-9802 |
6.00mm (.236) Tab Wire-to-Wire Terminal, Female, One-Piece Type, Wire Range AVS (CAVS) 0.85-1.25mm square (.033-.049), Tin-Plated
|
http://
|
0008701039 08-70-1039 5263PBT |
2.50mm (.098) Pitch SPOX?/a> Wire-to-Board Crimp Terminal, Reel 2.50mm (.098) Pitch SPOX Wire-to-Board Crimp Terminal, Reel 2.50mm (.098") Pitch SPOX垄芒 Wire-to-Board Crimp Terminal, Reel
|
Molex Electronics Ltd.
|
|