PART |
Description |
Maker |
MIC2159YMME MIC2159 |
SYNCHRONOUS-itty⑩ Step-Down Converter IC SYNCHRONOUS-itty Step-Down Converter IC
|
MICREL[Micrel Semiconductor]
|
MB3883PFV MB3883PV |
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Component Limited.
|
MB3883 MB388302 MB3883PFV MB3883PV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Component Limited.
|
LTC1875 LTC1875EGN |
15A Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator 1.5A, 15uA Quiescent Current Monolithic Synchronous Step-Down Regulator 15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
FAN8303 FAN8303MX |
2 A 23 V Non-Synchronous Step-Down DC-DC Regulator 2A 23V Non-Synchronous Step-Down DC/DC Regulator
|
Fairchild Semiconductor
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LT1306 1306F LT1306ES8 |
Synchronous/ Fixed Frequency Step-Up DC/DC Converter From old datasheet system Synchronous, Fixed Frequency Step-Up DC/DC Converter
|
Linear Technology
|
ADP3051ARMZ-REEL7 ADP3051 |
500 mA Synchronous Buck Switching Regulator 500 MA PWM STEP-DOWN DC-DC WITH SYNCHRONOUS RECTIFIER
|
Analog Devices
|
LTC3822NBSP LTC3822 LTC3822EDD LTC3822EMSE |
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
|
Linear Technology
|