PART |
Description |
Maker |
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IR2105 IR2105S |
Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-lead SOIC package Half Bridge Driver, Single Input, All High Voltage Pins On one Side, Fixed 520ns Deadtime in a 8-pin DIP package High Voltage, High Speed Power MOSFET and IGBT Driver
|
IRF[International Rectifier]
|
KSC2335 KSC2335OTU KSC2335R KSC2335RTU KSC2335Y KS |
NPN Epitaxial Silicon Transistor High Speed, High Voltage Switching High Speed/ High Voltage Switching
|
FAIRCHILD[Fairchild Semiconductor]
|
KSC2335F KSC2335 |
High Speed/ High Voltage Switching High Speed, High Voltage Switching NPN Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
AS1751 AS1753V-T AS1751S AS1751S-T AS1751V AS1751V |
High-Speed, Low-Voltage, Single-Supply, 0.9Ω, Quad SPST Analog Switches High-Speed, Low-Voltage, Single-Supply, 0.9?? Quad SPST Analog Switches High-Speed, Low-Voltage, Single-Supply, 0.9ヘ, Quad SPST Analog Switches
|
AMSCO[austriamicrosystems AG]
|
2SA1871 2SA1871-GA1-AZ |
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 进步党三重扩散硅晶体管高速高压开 1 A, 600 V, PNP, Si, POWER TRANSISTOR High-speed high-voltage switching PNP 3-diffusion trans
|
NEC, Corp. NXP Semiconductors N.V. NEC[NEC]
|
2SC2782 2SC2792 E000765 |
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE/ HIGH SPEED DC-DC CONVERTER APPLICATIONS) VHF BAND POWER AMPLIFIER APPLICATIONS TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
AD381SH AD381SH_883B AD381 AD382 AD380SH_883B AD38 |
(AD380 / AD382) High Speed / Low Drift FET Operational Amplifier 8-Channel 14-Bit Single-Supply Voltage-Output DAC; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial High Speed, Low Drift FET Operational Amplifier OP-AMP, 1000 uV OFFSET-MAX, BCY12
|
AD[Analog Devices] Analog Devices, Inc.
|
MX26LV160AB MX26LV160ABMC-55 MX26LV160ABMC-70G MX2 |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
|
MCNIX[Macronix International]
|
2SC3724 |
HIGH VOLTAGE, HIGH SPEED SWITCHING From old datasheet system HIGH VOLTAGE / HIGH SPEED SWITCHING
|
Unknow List of Unclassifed Manufacturers ETC
|
2SC3725 |
HIGH VOLTAGE, HIGH SPEED SWITCHING From old datasheet system HIGH VOLTAGE / HIGH SPEED SWITCHING
|
Unknow List of Unclassifed Manufacturers ETC
|