PART |
Description |
Maker |
X68C75-SLIC |
Port Expander and E2 Memory
|
Xicor
|
MAX6956AAI MAX6956AAX MAX6956ANI MAX6956ATL |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
|
Maxim Integrated Products
|
MAX7301 |
4-Wire- Interfaced 20-Port and 28-Port I/O Expander From old datasheet system
|
Maxim
|
MAX7301 MAX7301AAI MAX7301AAX MAX7301AGL MAX7301AN |
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
|
MAXIM[Maxim Integrated Products]
|
MAX7301 MAX7301AAI MAX7301AAX MAX7301AGL MAX7301AN |
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander 4-Wire-Interfaced / 2.5V to 5.5V / 20-Port and 28-Port I/O Expander
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MCP23008 MCP23008-E_P MCP23008-E_SO MCP23008-E_SS |
8-bit port expander with interrupt output 2 adddress inputs for up to 4 devices on one bus 25mA sink/source capability per I/O ... 8-bit port expander with interrupt output 3 adddress inputs for up to 8 devices on one bus 25mA sink/source capability per I/O ... 8-Bit I/O Expander with Serial Interface
|
Microchip Technology
|
MSM82C43GS MSM82C43RS |
INPUT/OUTPUT PORT EXPANDER
|
OKI electronic componets
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MAX7310AUE MAX7310ATE MAX7310 MAX7310AEE |
2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
|
MAXIM[Maxim Integrated Products]
|
MAX7322 MAX7320ATE MAX7321 MAX7323 |
I2C Port Expander with Eight Push-Pull Outputs
|
Maxim Integrated Products
|
MAX7315ATE MAX7315AUE MAX7315AEE MAX7315 |
8-Port I/O Expander with LED Intensity Control and Interrupt
|
MAXIM[Maxim Integrated Products]
|