PART |
Description |
Maker |
IPP100N04S2-04 IPB100N04S2-04 SP0002-19061 SP0002- |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor 100 A, 40 V, 0.0036 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN
|
Infineon Technologies AG
|
IPB100N08S2L-07 IPP100N08S2L-07 SP0002-19052 SP000 |
100 A, 75 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
Infineon Technologies AG
|
SPU01N60C3 SPD01N60C3 Q67040-S4188 Q67040-S4193 |
for lowest Conduction Losses & fastest Switching Cool MOS Power Transistor COOL MOS⒙ POWER TRANSISTOR Cool MOS⑩ Power Transistor Cool MOSPower Transistor
|
INFINEON[Infineon Technologies AG]
|
TIP112T MJE15028A BUT56AW BUT56AA BUT56AN MOTOROLA |
2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB 7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB 5 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-220AB 2.5 A, 750 V, NPN, Si, POWER TRANSISTOR, TO-220AB 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB 6 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
STD13003 |
Switching Bipolar Power Transistor |Power Transistor |400V 1.5A 1.2W HFE8~40 开关功率晶体管|功率晶体管| 400V 1.5A的功率为1.2W HFE840 NPN Silicon Power Transistor
|
AUK, Corp. AUK[AUK corp]
|
MP4015 |
Power Transistor Module Silicon NPN Triple Diffused Type (Darlington power transistor 4 in 1) High Power Switching Applications. Hammer Drive, Pulse Motor Drive. Inductive Load Switching. TOSHIBA Power Transistor Module
|
TOSHIBA[Toshiba Semiconductor]
|
SPI07N65C3 SPA07N65C3 SPP07N65C3 |
Cool MOSPower Transistor 酷马鞍山⑩功率晶体管 for lowest Conduction Losses & fastest Switching Cool MOS Power Transistor Cool MOS⑩ Power Transistor Cool MOS?/a> Power Transistor
|
INFINEON[Infineon Technologies AG]
|
2SB1555B 2SB1555 |
TRANSISTOR SILICON PNP EPITAXIAL TYPE (DARLINGTON POWER TRANSISTOR) POWER AMPLIFIER APPLICATIONS 3-Pin, Ultra-Low-Power SC70/SOT µP Reset Circuits
|
TOSHIBA
|
2SB1628 2SB1628ZX 2SB1628-ZX-AZ |
3 A, 16 V, PNP, Si, POWER TRANSISTOR 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits Low-VCE(sat) bipolar transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
|
Omron Electronics, LLC NEC Corp.
|
UPA1458 UPA1458H UPA1458H-AZ |
5 A, 70 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR SIP-10 NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
Micrel Semiconductor, Inc. NEC[NEC]
|
MJL16218 ON2054 MJL16218-D |
SCANSWITCH 15 AMPERES POWER TRANSISTOR From old datasheet system POWER TRANSISTOR 15 AMPERES 1500 VOLTS - VCES 170 WATTS SCANSWITCH NPN Bipolar Power Deflection Transistor For High and Very High Resolution Monitors
|
ON Semiconductor Motorola, Inc
|
2N5038 JAN2N5039 JANTXV2N5039 2N5039 JAN2N5038 JAN |
NPN HIGH POWER SILICON TRANSISTOR 20 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-204AA NPN HIGH POWER SILICON TRANSISTOR 2 A, 90 V, NPN, Si, POWER TRANSISTOR, TO-3 From old datasheet system (JAN2N5038 / JAN2N5039) NPN HIGH POWER SILICON TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|