PART |
Description |
Maker |
PWB PWB-5000 PWB-5001 PWB-5005 |
TRANS,WALL,9VDC/300mA,F1, 2.5X5.5mm,UL/CUL TRANS,WALL,9VDC/350mA,F2 2.1mm x 5.5 mm,UL/CUL TRANS,WALL,12VDC/200MA,F2 2.1mm X 5.5mm,RT. ANGLE TRANS,WALL,12VDC/200mA,LT GRAY F2,2.5mmX5.5mm,RANGL,UL/CSA 1-OUTPUT 5 W AC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc.
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
NT90TPNADDC6VS NT90TPNASDC12VI NT90TPNCEDC9VC NT90 |
RIDGE IN-LINE O/J RS-4L 4.0A 50IN /300 FTENERGIZER INDUSTRIAL AA ALKALINE BATTERY (4) LED DISPLAY,ORANGE,0.56" 630NM,2.4MCD,CC,RHDP,2.1V CABLE,CAT5E,1501A-009-1000, DATATWIST 5e ,1000FT,WHITE DIODE, NTE5414, T0-126, RECTIFIER, SCR, 200 VRM,4.0 A, PWR SPLY,SW,OPEN,10W,5V@0-2AMP 5V@2A,ULTRAMINATURE,UL/CUL/TU DISPLAY,DOT MTX,ORANGE,0.7"H 5x7,630nm,2.1@20mA,AC/CR ZENER DIODE SOT-23 350MW 6.8V 3.3V ROHS 3KWIRE,COAX,BLACK,1189A-100', RG-6,75ohm,18AWG,SOLID WIRE,COAX,BLACK,1189A-500', RG-6,75ohm,18AWG,SOLID,UNREEL SCHOTTKY RECTIFIER SMA 3.0A 3KMALL SIGNAL DIODE SWITCHING SMC 3.0A 1000V ROHS 3KDIP SW SLIDE GOLD PLATED 4SW SPDTMOLD DIP,LOW PRO,14PIN,BUS, 3.9X8.65MM,110,5%,TR,HAZMATRECTIFIER FAST RECOVERY O/J DISCRETE IGBT IN A TO-247ACRECTIFIER STANDARD RECOVERY NOISE, LEAD FREESCHOTTKY RECTIFIER DO-201AD 12MM/T,IN PL-RLSMALL SIGNAL DIODE SWITCHING LINEARITY)OPTOCOUPLER,TRIAC,400VDRM, IFT=5MA MAX, 6PIN,SMT,T/RFAN,12VDC,80x80x32,39.4CFM SLEEVE,12"LDS,UL/CE/CSA/VDE PWR SPLY,SW,TBL,24V@1.7A,F2 2.5mmX5.5mm,(W/O cord),UL/CE 适用于汽车,机械,电子设备,空调和家用电器应 TRANS,TABLE,REG,12V@1.25A,F2 2.1mmX5.5mm,(W/O CORD),UL/CE 适用于汽车,机械,电子设备,空调和家用电器应 FAN,24VDC,172x150x51,241CFM BALL,5-24"LDS,UL/CSA/CE/TUV 适用于汽车,机械,电子设备,空调和家用电器应 Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications 适用于汽车,机械,电子设备,空调和家用电器应 PWR SPLY,TBL,5V@2A,F2, 2.5mmX5.5mm,(W/O CORD),UL/CEC 适用于汽车,机械,电子设备,空调和家用电器应 TRANS,WALL,12V,0.8A,F2,BLACK 2.1mmX5.5mm,UL/CSA,9 FT CORD 适用于汽车,机械,电子设备,空调和家用电器应 TRANS,WALL,15VDC,1A,F2, 2.5x5.5,UL,CSA 适用于汽车,机械,电子设备,空调和家用电器应 BREAKAWAY FUSEBLOCK <CA 适用于汽车,机械,电子设备,空调和家用电器应 KEYBOARD,84-KEY,PS/2, INCLUDES TRACK POINT MOUSE 适用于汽车,机械,电子设备,空调和家用电器应 PWR SPLY,TABLE,REG,9V@3.3A,F2 2.1mmX5.5mm,(W/O cord),UL/CE 适用于汽车,机械,电子设备,空调和家用电器应 FILTER,PWR,10A,2250 HIPOT FASTON,FLANGED,UL/CSA/VDE 适用于汽车,机械,电子设备,空调和家用电器应 CONN,RF,SMA,ADAPTER,132360, PLUG RESISTOR CAP,50 OHMS 适用于汽车,机械,电子设备,空调和家用电器应 DATALOGGER,HUMIDITY TEMP, CHART RECORDER DMM,MINI-MANUAL RANGE METER, WITH TEMP PROBE RECTIFIER STANDARD RECOVERY NOISE, LEAD FREE<AZ PWR SPLY,TBL,8W,12VDC/0.67A F2,2.5X5.5MM,3 WIRE,UL/CUL/TUV PWR SPLY,TBL,REG,12V@4.16A,F2 2.1mmX5.5mm ,(W/O cord),UL/CE PWR SPLY,TBL,REG,12V@3.5,F2 2.1mmX5.5mm,(W/O cord),UL/CEC
|
DB Lectro Inc. DB Lectro, Inc. Linear Technology, Corp.
|
68301-1018 |
CONN HEADER 7POS .100 VERT TIN
|
Molex
|
ZL30410 |
CONN HDR INVERSE 30POS 5ROW VERT
|
Zarlink Semiconductor Inc.
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
ADT-2735-FF-3MM-02-01 |
ADAPTER - 3.5MM JACK TO 3.5MM PLUG OUTLINE
|
Emerson Network Power
|
95001-6641 95001-6882 95001-6661 |
Phone Connector,PCB Mnt,6 Contacts,PIN,SURFACE MOUNT Terminal,LOCKING 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 8-8 RT ANG SMD 8 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK CONN MODULAR JACK 6-6 RT ANG SMD 6 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, JACK
|
Molex, Inc.
|
1885180000 1885250000 1885590000 1884680000 188899 |
CONN TERM BLOCK 2POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 9POS 3.5MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 19POS 3.81MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 12POS 5.0MM PCB 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
39355-0008 |
CONN HEADER 3.5MM 8POS R/A PCB
|
Molex
|
48103-1410 48103-1310 |
2.5mm WTB Conn Hsg 14ckt White 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 2.5mm WTB Conn Hsg 13ckt White 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR
|
Molex, Inc.
|
|