PART |
Description |
Maker |
24AA01-/P 24AA01-/SM 24AA02-I/P 24AA02-/P 24AA02-/ |
Serial Number iButton Single-Piece 256Kb Nonvolatile SRAM 4Kb Plus Time Memory iButton® 1Kb/4Kb Memory iButton® 3.3V Single-Piece 1Mb Nonvolatile SRAM I2C Serial EEPROM I2C串行EEPROM
|
Toshiba, Corp.
|
DS1990R-F3 DS1990R-F5 |
Serial Number iButton
|
Maxim Integrated Produc...
|
DS1990A DS1990A-F3 DS1990A-F5 |
Serial Number iButton
|
Maxim Integrated Products
|
24AA025UID 24AA02UID |
2K I2C Serial EEPROMs with Unique 32-bit Serial Number 2K I2C?Serial EEPROMs with Unique 32-bit Serial Number
|
Microchip Technology
|
DS2411 DS2411P DS2411P_TR DS2411R_TR DS2411X DS241 |
Silicon Serial Number with VCC Input
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr
|
AT24CS16-14 |
Factory Programmed 128-bit Serial Number
|
ATMEL Corporation
|
LTC2272CUJPBF LTC2272IUJTRPBF LTC2273CUJTRPBF LTC2 |
LTC2272 - 16-Bit, 65Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2272 - 16-Bit, 65Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: –40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2273 - 16-Bit, 80Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: 0°C to 70°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40 LTC2273 - 16-Bit, 80Msps Serial Output ADC (JESD204); Package: QFN; Number of Pins: 40; Temperature Range: –40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
Q62703-Q3855 Q62703-Q3159 Q62703-Q3424 Q62703-Q309 |
Hyper TOPLED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyolefin; Number of Pairs:2; Leaded Process Compatible:Yes; Approval Bodies:NEC; Capacitance:34pF/ft RoHS Compliant: Yes DIODE FRED 1000V 60A TO-247AD
|
SIEMENS AG Siemens Group SIEMENS[Siemens Semiconductor Group]
|
MAX1115 MAX1115EKA MAX1116EKA MAX1116 |
0.3-6V; single-supply, low power, serial 8-bit ADC. For low power data acquisition, portable temperature monitors, flowmeters, touch screens "Single-Supply, Low-Power, Serial 8-Bit ADCs" (MAX1115 / MAX1116) Single-Supply / Low-Power / Serial 8-Bit ADCs
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SA5778D-T |
Serial triple gauge driver (STGD); Application: Drivers/Display/Gauge ; Driver type: Serial Triple Gauge Drivers (STGD) ; Function: Drivers ; Number of pins: 28 ; Operating temperature: -40~105 Cel SPECIALTY INTERFACE CIRCUIT, PDSO28
|
NXP Semiconductors N.V.
|