PART |
Description |
Maker |
74ABT16500 74ABT16500CMTD 74ABT16500CSSC 74ABT1650 |
18-Bit Registered Bus Transceiver with 3-STATE Outputs 6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 18-Bit Universal Bus Transceivers with 3-STATE Outputs ABT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IDT74FCT162511CTPA IDT74FCT162511CTPAB IDT74FCT162 |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY FCT SERIES, 16-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 CAP 10UF 10V 20% TANT SMD-3528-12 TR-7-PL SN/PB5% LOWESR-3500 快速CMOS 16位注锁存奇偶收发 CAP 6.8UF 16V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-800
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74FCT16500ETPVB IDT74FCT16500ETPV IDT74FCT16500 |
FAST CMOS 18-BIT REGISTERED TRANSCEIVER 快速CMOS 18位注册收发器 CAP 22UF 4V 20% TANT SMD-3216-12 TR-7-PL SN100% LOWESR-8000 快速CMOS 18位注册收发器 CAP 3.3UF 10V 10% TANT SMD-3216-12 TR-7-PL SN100% LOWESR-9000 快速CMOS 18位注册收发器 FAST CMOS 18-BIT REGISTERED TRANSCEIVER FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 FAST CMOS 18-BIT REGISTERED TRANSCEIVER FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, CDFP56 CAP 4.7UF 25V 10% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 快速CMOS 18位注册收发器 CAP 4.7UF 35V 10% TANT SMD-6032-28 TR-7-PL GOLD LOWESR-700 FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, CDFP56 CAP 4.7UF 20V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 快速CMOS 18位注册收发器 CAP 4.7UF 25V 20% TANT SMD-6032-28 TR-7-PL SN100% LOWESR-600 FCT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, CDFP56
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
IDT74FCT163952C IDT74FCT163952A IDT74FCT163952CPV8 |
3.3V 16-Bit Registered Transceiver 3.3V CMOS 20-BIT REGISTERED TRANSCEIVER
|
IDT
|
SSTUH32866 |
1.8 V high output drive 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
|
Philips Semiconductors
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUA32866 SSTUA32866EC SSTUA32866EC_G SSTUA32866E |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
HD74SSTV32852 HD74SSTV32852LBEL |
24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
|
Renesas Electronics Corporation
|
HD74ALVCHR162269A |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
PI74AVC16345K PI74AVC16345A PI74AVC16345 |
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
|
Pericom Semiconductor C... Pericom Semiconductor Corp.
|
GTLPH16612_1 GTLPH16612DL-T GTLPH16612DGG-T |
GTLP SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 6.10 MM, PLASTIC, MO-153, SOT-364-1, TSSOP-56 GTLP SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 7.50MM, PLASTIC, MO-118, SOT-371-1, SSOP-56 From old datasheet system
|
NXP Semiconductors N.V.
|