PART |
Description |
Maker |
LTM2881 LTC2876 LTC2850 LTC2851 |
±60V Rugged PROFIBUS RS485 Transceivers
|
Linear Technology
|
LTC2877HDDPBF LTC2877HDDTRPBF LTC2877HMSEPBF LTC28 |
±60V Rugged PROFIBUS RS485 Transceivers
|
Linear Technology
|
LTC2851 LTC2850NBSP LTC2851IMSPBF |
LINE TRANSCEIVER, PDSO8 3.3V 20Mbps RS485/RS422 Transceiver
|
LINEAR TECHNOLOGY CORP
|
LTC2855IDEPBF |
3.3V 20Mbps RS485/RS422 Transceiver with Integrated Switchable Termination; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
2745AJ 2745CA 2745CA2 2745AJ2 |
HIGH FREQUENCY MAGNETICST1/E1 Through Hole Transformers T1/E1 Transformer 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers
|
Bel Fuse Inc.
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
VW3A3607 |
Profibus DP communication card
|
List of Unclassifed Man...
|
MAX14770E11 |
High-ESD Profibus RS-485 Transceiver
|
Maxim Integrated Products
|
SP516 |
20Mbps 7 Driver / 7 Receiver Multiprotocol Serial Transceiver with Termination Disable
|
Sipex
|
ISL4485EIB-T |
15kV ESD Protected/ 20Mbps/ 5V/ Low Power/ RS-485/RS-422 Transceiver
|
Intersil
|
|