PART |
Description |
Maker |
SG-2103-B SG-2103-A SG-2103 |
SME Security Gateway with 3 LAN 中小企业安全网关3局域网
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
2MBI100NE-120 |
CAPACITOR, CASE A, 22UF, 2.5V; Application:Solid; Capacitance:22uF; Tolerance, capacitance:20%; Series:NOS; Voltage, rating:2.5V; Capacitor dielectric type:Niobium Oxide; Case style:A; Depth, external:1.6mm; Length / Height, RoHS Compliant: Yes IGBT MODULE ( N series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
X5643S14 X5643S14-2.7 X5643S14-2.7A X5643S14-4.5A |
Film Capacitor; Voltage Rating:600VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.033uF; Capacitance Tolerance: /- 10%; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:WMF RoHS Compliant: No Film Capacitor; Voltage Rating:600VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.001uF; Capacitance Tolerance: 10%; Leaded Process Compatible:Yes; Series:WMF; Termination:Axial Leaded; Working Voltage, DC:600V RoHS Compliant: Yes CPU Supervisor with 64Kbit SPI EEPROM
|
INTERSIL[Intersil Corporation]
|
B37873K5473M60 B37873K5474M62 B37932K5223M60 B3793 |
CAPACITOR 47 NF 50V CAPACITOR 470 NF 50V CAPACITOR 22 NF 50V KONDENSATOR 100NF 50V CAPACITOR 220 NF 50V CAPACITOR 1 UF 50V 电容超滤50V CAPACITOR 1 PF 50V 电容公积0V
|
Motorola Mobility Holdings, Inc. EPCOS AG
|
UPD44321182GF-A50 UPD44321362GF-A50 |
Film Capacitor; Voltage Rating:630VDC; Capacitor Dielectric Material:Polypropylene; Capacitance:22000pF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:Yes; Series:171; Termination:Radial Leaded 32M-BIT ZEROSB SRAM PIPELINED OPERATIO
|
NEC Corp.
|
SV03 SV01KA101JAA SV01KA101KAA SV01KA101MAA SV01HA |
Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Voltage MLC Radials (SV Style) 子午线轮胎高压刚果解放运动(希风格) XTAL,OSC 50.0MHZ 3V 6P SMT POT 2.0K OHM 1/4 SQ CERM SL ST Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 5%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:200pF; Capacitance Tolerance: /- 2%; Series:CD10; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3.6mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: 5%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:910pF; Capacitance Tolerance: /- 2%; Series:CD19; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No LUGS High Voltage MLC Radials (SV Style)
|
AVX, Corp. AVX[AVX Corporation]
|
NFM21PC225B0J3 |
NFM21P Series Capacitor
|
Murata
|
A62S9308X-70SI A62S9308V-70SI A62S9308G-70S A62S93 |
TV 13C 13#22D SKT PLUG Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; No. of Contacts:19; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:3; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Aluminum Electrolytic Capacitor; Capacitor Type:Industrial Grade; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:150uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Industrial Grade; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:1uF RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:11; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight Aluminum Electrolytic Capacitor; Capacitor Type:Industrial Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:150uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Industrial Grade; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:1500uF RoHS Compliant: Yes 512K X 8 BIT LOW VOLTAGE CMOS SRAM
|
AMIC Technology Corporation
|
CL05CXXXX |
(CL Series) Multilayer Ceramic Capacitor
|
Samsung Electronics
|