PART |
Description |
Maker |
LM64C381 |
Connection Table
|
Sharp
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0421045 |
Power terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0424013 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0441041 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0443023 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0443049 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393660000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 5, 90°, Box
|
Weidmuller
|
0708580 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5-6 mm thick housing panels - HDFKV 50-VP
|
Phoenix Contact
|
SK5FORTL.ZAHLEN-0804183 SK3FORTL.ZAHLEN-0804183 SK |
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
|
PHOENIX CONTACT
|
|