PART |
Description |
Maker |
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AM29LV800B-100 AM29LV800B-120 AM29LV800B-150 AM29L |
8 Megabit (1048576 x 8-Bit/524288 x 16-Bit) CMOS 3.0 Volt-only Sectored Flash Memory 8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM45DL6408G |
64 Mbit (8 M x 8-Bit/4 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|