PART |
Description |
Maker |
AMC2244DM AMC2244DMF AMC2244 AMC2244M AMC2244MF AM |
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
|
ADDtek Corp
|
LT1807 LT6220CS5 LT6220IS5 LT6221CDD LT6221IDD LT6 |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation LINER[Linear Technology] Avago Technologies, Ltd. Linear Technology, Corp.
|
HA-5102 HA-5104 |
Op Amp, Dual 8MHz, Unity Gain Stable, Low Noise Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise
|
Intersil
|
LT1207CS |
Dual 250mA/60MHz Current Feedback Amplifier DUAL OP-AMP, 15000 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp.
|
LT6221CS8PBF LT6221CS8TR LT6221CDDPBF |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
LINEAR TECHNOLOGY CORP
|
EL2224D |
Dual 60Mhz Unity Gain Stable Operational Amplifier
|
Elantec
|
HA-5170 HA-517000 |
8MHz, Precision, JFET Input
Operational Amplifier(8MHz 精密JFET运算放大 8MHz, Precision, JFET Input Operational Amplifier Op Amp, 8MHz, Precision, JFET Input, Unity Gain
|
Intersil Corporation
|
ALD1108E ALD1108EDC ALD1108EPC ALD1108ESC ALD1110E |
QUAD/DUAL EPADPRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD⑩) QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD) QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD? QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD 双电可编程模拟器件(EPAD⑩)
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|
WT274C WT274C-N140 WT274C-S140 WT272C WT272C-N080 |
Dual/Quad Low Power CMOS OP Amplifiers The WT272 (dual OP Amp) or WT274 (quad OP Amp) is an ideal upgrade for industrial standard ICs such as TL064/ MC34184/ TLC27L4/ and LM324
|
List of Unclassifed Manufacturers ETC
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
DS4026-MCN DS4026-MCC DS4026-PCC DS4026-QCN DS4026 |
12.8MHz to 51.84MHz TCXO 12.8MHz1.84MHz的TCXO 12.8MHz to 51.84MHz TCXO 10MHz1.84MHz TCXO
|
Maxim Integrated Products, Inc.
|
LT2078AIS8 LT2078ACS8 |
Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps DUAL OP-AMP, 330 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
|