PART |
Description |
Maker |
GL34K |
MINI-MELF glass passivated junction Diodes - Silicon passivated type
|
美丽微半导体有限公司
|
GL34 GL34D GL34G |
Silicon passivated type Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 33uF; Voltage: 10V; Case Size: 5x11 mm; Packaging: Bulk
|
美丽微半导体有限公司
|
GBPC2501 GBPC25005 GBPC2510 GBPC2508 GBPC2502 GBPC |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳V输出 GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
Shanghai Sunrise Electronics Pan Jit International Inc. CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd. General Semiconductor
|
1A7G 1A1G 1A2G 1A3G 1A4G 1A5G 1A6G |
GLASS PASSIVATED JUNCTION SILICON RECTIFIER GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE GLASS PASSIVATED JUNCTION SILICON RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE
|
RECTRON[Rectron Semiconductor] PanJit International, Inc.
|
PMBF5484 PMBF5486 PMBF5485 |
2G,FS/FD CVR,GSKT& SCRS,ALUM,DX UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, JFET N-channel field-effect transistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TPCP8J0107 |
TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
|
Toshiba Semiconductor
|
MAZ2056-A MAZ2051-A MA2360 MA2220 MA2560 MAZ2200-B |
PT 23C 2#16,21#20 SKT PLUG Silicon planar type 33.93 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 5.5 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.225 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 硅平面型 Silicon planar type 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 17.4 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
Panasonic Corporation Panasonic, Corp.
|
B05S B10S |
Glass passivated type
|
美丽微半导体有限公司
|
FM4004 FM4003 FM4002 FM4001 FM4007 FM4005 FM4006 |
Glass passivated type
|
FORMOSA[Formosa MS]
|
FM204 FM201 FM203 FM207 FM202 FM205 FM206 |
Glass passivated type
|
FORMOSA[Formosa MS]
|
FM4003-M FM4001-M FM4002-M FM4005-M FM4004-M FM400 |
Glass passivated type 玻璃钝化
|
美丽微半导体有限公司 Formosa Microsemi Co., Ltd. 缇?附寰??瀵间???????
|