PART |
Description |
Maker |
DS1922E-F5 DS1922E09 DS1922E |
High-Temperature Logger iButton with 8KB Data-Log Memory
|
Maxim Integrated Products
|
DS1925 |
iButton High-Density Temperature Logger with 122KB Data-Log Memory
|
MAXIM - Dallas Semiconductor
|
DS1922L |
(DS1922L/T) Temperature Logger iButton
|
Dallas Semiconductor
|
XCFVP-40 |
Temperature range for complete Logger:-85°C to 140°C
|
Amphenol Corporation
|
DS1922L DS1922L-F5 DS1922T DS1922T-F5 |
Temperature Logger iButton With 8kB Datalog Memory
|
MAXIM - Dallas Semiconductor
|
9334 |
LOGGER COMMUNICATOR
|
ASM GmbH
|
3912-20 |
USB Interface for Connecting the Data Logger Series to a PC
|
ASM GmbH
|
3197 A3197ELT A3197EU A3197LLT A3197LU A3196LLT A3 |
PROTECTED HIGH-TEMPERATURE OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED, HIGH-TEMPERATURE, OPEN-COLLECTOR HALL-EFFECT LATCH PROTECTED/ HIGH-TEMPERATURE/ OPEN-COLLECTOR HALL-EFFECT LATCH Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(保护型,工作于高温,集电极开路霍尔效应锁存器) IC SENSOR QWHEEL ROTARY 14TSSOP Protected,High-Temperature,Hall-Effect Latch With Active Pull-Down(淇?????宸ヤ?浜??娓╋???????璺??灏??搴??瀛??) Protected, high-temperature, hall-effect latch with active pull-down
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
T1010H-6G T1010H-6G-TR T1010H-6T T1010H-6T-TR T101 |
High-temperature 10A sensitive gate Triacs High temperature 10 A sensitive TRIACs 600 V, 10 A, TRIAC, TO-220AB
|
ST Microelectronics STMicroelectronics
|
EF6805R2PTD EF6805R2PVD EF6805R3PVD |
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 8位微控制
|
KEMET Corporation
|
ENC102D-10A ENC112D-10A ENC820D-10A ENC220D-10B EN |
±15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN STD MOV Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手
|
Central Semiconductor, Corp.
|
SB3H100-E3_54 SB3H100-E3_73 SB3H90 SB3H9008 SB3H10 |
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
|
Vishay Siliconix
|