PART |
Description |
Maker |
HFJ11-S101 HFJ11-S114 HFJ11-S101E FASTJACK-10BASE- |
FastJack Single Port FastJack单端 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum; Series:GT; No. of Contacts:2; Connector Shell Size:10SL; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Single Port 10BASE-T RJ-45 Connectors
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
AR11-3705I |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3669 |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3718 |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3749I |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3693 |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3691I |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3762I |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3743 |
Single Port RJ45 Connector
|
Allied Components International
|
AR11-3726 |
Single Port RJ45 Connector
|
Allied Components International
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
AR1USB1-3711 |
Single Port RJ45 & Single Port USB Combo
|
Allied Components International
|