PART |
Description |
Maker |
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
68301-1018 |
CONN HEADER 7POS .100 VERT TIN
|
Molex
|
ZS1V220KR ZS1E221KC ZS1E220KC ZS1V101MC ZS1V101LT |
CHOKES,AXIAL,1000uH,1.0mA IDC, H.D. VARNISH COATED CONN,RECPT,3 CKT,9821-03, RECEPTACLE,HOUSING,1.25MM CONN,PLUG,9635-06R, 6 CIRCUIT,.084" MLX SERIES CHOKES,AXIAL,H.D.,VARNISH, COATED,100 UH,2 IDC CHOKES,AXIAL,40uH,3.0mA IDC, H.D. VARNISH COATED CHOKES,AXIAL,4uH,8.0mA IDC, H.D. VARNISH COATED PWR STRIP,6 OUTLET,SURGE SURPRESSOR,4' LINE CORD CHOKES,AXIAL,H.D.,VARNISH COATED,125 UH,3.5 IDC ALUMINIUM ELECTROLYTIC CAPACITOR PWR STRIP,6 OUTLET,SURGE SUPPRESSOR,4'LINE CORD 20/cs CHOKES,AXIAL,250uH,2.5mA IDC, H.D. VARNISH COATED CONN,PLUG,10C,3020-10, FREE HANGING,DUAL ROW CONN,RECEPT,6C,3025-06, FREE HANGING,DUAL ROW # CONN,RECEPT,14C,3025-14, FREE HANGING,DUAL ROW ONTACT,CRIMP,SKT,3030T1-LP, 26-30AWG,TIN,NICKEL,PB(10) ONTACT,CRIMP,PIN,3031T1-LP, 26-30AWG,TIN,NICKEL,PB(10) HEATSINK,566010B03400, TO-218 W/TAB BLACK CONN,RECEPT,24C,3025-24, FREE HANGING,DUAL ROW CONN,RECPT,2C,3045-02, PCB HEADER,VERTICAL,2 ROW,TIN CONN,RECPT,4C,3045-04, PCB HEADER,VERTICAL,2 ROW,TIN CONN,RECEPT,6C,3046-06-G30, PCB HEADER,R/A,2 ROW,PEG,GOLD CONN,RECPT,8C,3046-08, PCB HEADER,R/A,2 ROW,PEG,TIN CONN,RECPT,8C,3045-08-G30, PCB HEADER,VERTICAL,2 ROW,GOLD CONN,RECPT,10C,3045-10, PCB HEADER,VERTICAL,2 ROW,TIN CHOKES,AXIAL,HIGH CURRENT, RF,10000 uH CHOKES,AXIAL,HIGH CURRENT, RF,1500 uH CHOKES,AXIAL,HIGH CURRENT, RF,2200 uH CONN,HOUSING,4521-24PR, 2mm,24 CKT,2 ROW,VERT,W/KEY CONN,HOUSING,4521-28, 2mm,28 CKT,2 ROW,VERT,NO KEY CONN,HOUSING,4521-30PR, 2mm,30 CKT,2 ROW,VERT,W/KEY CHOKE,AXIAL,RF 6.2UH 10% INDUCTOR MOTOR,STEP,4.8VDC/1.5A, 8160 GM-CM CHOKES,AXIAL,HIGH CURRENT, RF,10 uH MOTOR,STEP,12VDC,20 ohm UNIPOLAR,1.8,SHFT:.25"X.95" KNOB,1/4"SHFT,RND,ALUM W/SET, SCREW,0.61"DIA x 0.65"H CONN,RECPT,22C,3046-22-G30, PCB HD,GOLD,R/A,DUAL ROW,PEG LED,ULT RED,630NM,T3 MIN BAY 28V,6500MCD,15If,REPLACE LAMP LED,ULT RED,630NM,T3 MIN BAY 14V,7000MCD,20If, REPLACE LAMP LED,RED,630NM,T3 BAY BASED 28V,350MCD,14If,REPLACE LAMP LED.RED,630NM,T3 BAY BASED 14V,550MCD,20MCD,REPLACE LAMP CONN,RECEPT,2C,3046-02-G30, PCB HEADER,R/A,2 ROW,PEG,GOLD CONN,HOUSING,4521-12PR, 2mm,12 CKT,2 ROW,VERT,W/KEY CONN,D-SUB,9P-F, 22AWG,SOLDER CUP 铝电解电容器 CONN,HOUSING,4521-08, 2mm,8 CKT,2 ROW,VERTICAL,NOKEY 铝电解电容器 CONN,HOUSING,4521-08PR, 2mm,8 CKT,2 ROW,VERTICAL,W/KEY 铝电解电容器 CONN,RECPT,2C,3045-02-G30, PCB HEADR,VERTICAL,2 ROW,GOLD 铝电解电容器 CONN,HOUSING,4521-26PR, 2mm,26 CKT,2 ROW,VERT,W/KEY 铝电解电容器 CONN,HEADER,2 CKT,9847-02, PCB,VERT,1.25MM,PB,TIN 铝电解电容器 CONN,RECEPT,4C,3025-04S, FREE HANGING,SINGLE ROW 铝电解电容器 CONN,RECEPT,2C,3046-02S-G15, PCB HEADER,R/A,1 ROW,PEG,GOLD 铝电解电容器 CONN,RECPT,10C,3046-10-G30, PCB HEADER,R/A,2 ROW,PEG,GOLD 铝电解电容器 CONN,RECPT,10C,3046-10, PCB HEADER,R/A,2 ROW,PEG,TIN 铝电解电容器 CONN,RECEPT,9635-12P, 12 CIRCUIT,.084" MLX SERIES 铝电解电容器 CONN,RECEPT,5C,3046-05S, PCB HEADER,R/A,1 ROW,PEG,TIN 铝电解电容器 CONN,HEADER,7 CKT,9847-07, PCB,VERT,1.25MM,PB,TIN 铝电解电容器 LED,RED,626NM,T3 MIN BAY 120VAC,6500MCD,5.5If,REPLACE B 铝电解电容器 CONN,RECEPT,2C,3025-02S, FREE HANGING,SINGLE ROW CONN,RECEPT,4C,3025-04, FREE HANGING,DUAL ROW CONN,RECEPT,12C,3025-12, FREE HANGING,DUAL ROW
|
DB Lectro Inc. DB Lectro, Inc.
|
106066-5000 106066-7000 106066-5300 106066-3000 |
SCD CONN (SM126ZR) 3mm BLUE 126 um, SINGLE MODE, DUPLEX SC CONNECTOR SCD CONN (SM127ZR) 3mm BLUE 127 um, SINGLE MODE, DUPLEX SC CONNECTOR SCD CONN (MMPC ZR) 2.4MM BLUE 126 um, SINGLE MODE, DUPLEX SC CONNECTOR SCD CONN (MM128ZR) 3mm BEIGE
|
Molex, Inc. MOLEX INC
|
106053-5000 106053-3000 |
FC2 CONN (SM126ZR) 3mm FC2 CONN (MM128ZR) 3mm
|
MOLEX INC
|
FS0802BD00TR FS0802 |
CONN 28POS 2MM SOCKET VERT PC MT 表面贴装可控 SURFACE MOUNT SCR
|
List of Unclassifed Manufacturers ETC[ETC] Fagor
|
MR18R1628EG0-CM8 MR16R1628EG0-CK8 MR16R162GEG0-CK8 |
From old datasheet system CONN HEADER 20POS DL PCB 30GOLD Key Timing Parameters 关键的定时参 CONN HEADER 18POS DL PCB 30GOLD 关键的定时参
|
Samsung Electronic SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
43045-0224 43045-1225 43045-0826 43045-0825 43045- |
Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR MicroFit 3.0 V TH /Clip DR 30Au 8Ckt POWER CONNECTOR Microfit 3.0 Vert PTH /clip DR 15Au 8Ckt POWER CONNECTOR 430450624 POWER CONNECTOR HEADER, MICROFIT 3.0, 8POS POWER CONNECTOR
|
Molex, Inc.
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
TOLC-105-02-S-Q TOLC-105-32-S-Q TOLC-115-02-S-Q TO |
CONN HEADER .05 5X4PS GOLD SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 15X4PS GOLD SMD 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 40X4PS GOLD SMD 160 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 30X4PS GOLD SMD 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 45X4PS GOLD SMD 180 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
|