PART |
Description |
Maker |
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
AD7895AN-10 AD7895AR-10 AD7895AR-2 AD7895AR-3 AD78 |
True Bipolar Input, 5 V Single Supply, 12-Bit, Serial 3.8 µs ADC in 8-Pin Package 5 V/ 12-Bit/ Serial 3.8 ms ADC in 8-Pin Package 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
MAX552 MAX551ACUB MAX551BEUB MAX551 MAX551ACPA MAX |
3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin レMAX Package SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDIP8 3V/ 5V / 12-Bit / Serial / Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin μMAX Package 3V/ 5V 12-Bit Serial Multiplying DACs in 10-Pin MAX Package 3V/ 5V, 12-Bit, Serial, Multiplying DACs in 10-Pin MAX Package
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
PIC18F8722 PIC18F6527 PIC18LF6627EPTQTP PIC18LF662 |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
|
Microchip Technology, Inc.
|
IDTQS3VH861 IDTQS3VH861PA IDTQS3VH861Q QS3VH861Q8 |
2.5V/3.3V 10-Bit Flow-Through Pin Out, High Bandwidth Switch for Hot Swap Applications (HotSwitch) QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
|
IDT Integrated Device Technology
|
AD7782BRU AD7782 |
High Resolution Analog-to-Digital Converters Feature a Simple Interface Read Only/ Pin Configured 24-Bit ADC Read Only, Pin Configured 24-Bit ADC
|
AD[Analog Devices]
|
PIC12F508-EP PIC12F508-ISN PIC12F508T-EP PIC16F505 |
8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin, 8-Bit Flash Microcontrollers106
|
Microchip Technology
|
74ABT640 74ABT640_2 74ABT640PWDH 74ABT640D 74ABT64 |
Octal transceiver with direction pin, inverting (3-State) Octal transceiver with direction pin, inverting 3-State From old datasheet system Octal transceiver with direction pin/ inverting 3-State SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch Quadruple D-Type Flip-Flops With Clear 16-SOIC 0 to 70 ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Single 8-Bit Inverting Bus Transceiver ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HYS72V32220GU-75-C2 HYS64V32220GU-75-C2 HYS72V1630 |
3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules 3.36米x 64/72-Bit 1银行128MByte SDRAM的模.32M的x 64/72-Bit 2银行256MB的内存模68引脚无缓冲DIMM模块
|
Infineon Technologies AG
|
CS4348-CZZ CS4345-CZZ CS4344-DZZ CS4344-CZZ |
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER SERIAL INPUT LOADING, 24-BIT DAC, PDSO10
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
IRU3013CQ IRU3013CW IRU3013CWTR |
5 Bit Prog in a 24-Pin QSOP(Q) package 5 Bit Prog in a 24-Pin SOIC(WB) package
|
International Rectifier
|