PART |
Description |
Maker |
0002092170 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-18 AWG, Large Insulation Crimp, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
0002066118 1560 02-06-6118 |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1560,Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Area,18-24 AWG, Reel 1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1560,Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Ar MOLEX Connector
|
Molex Electronics Ltd.
|
08-65-0118 000850-0116 0008-50-0116 08-58-0127 000 |
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
08-55-0105 08-56-0108 08-50-0108 |
KK 156 TERMINAL CRIMP 22-26 AWG GOLD BRASS, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):26-22; Contact Material:Brass RoHS Compliant: Yes BRASS, GOLD FLASH FINISH, WIRE TERMINAL CRIMP PIN, 22-28AWG PK100 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
09-50-3036 09-50-3037 09-50-3041 09-50-3051 09-50- |
CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG
|
Molex Electronics Ltd.
|
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
0039000284 39-00-0284 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1381 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1381 MOLEX Connector
|
Molex Electronics Ltd.
|
0008050302 4366-P555L 08-05-0302 |
KK? Crimp Terminal, Series 4366, Female, with Selective Gold (Au) Plated Brass Contact, 18-24 AWG, Bag
|
Molex Electronics Ltd.
|
71851-0224 016-02-1125 0016021125 |
SL Crimp Terminal, Series 71851, Female, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 71851, Female, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
71851-0026 016-02-1111 0016021111 |
SL Crimp Terminal, Series 71851, Female, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Reel
|
Molex Electronics Ltd.
|
70021-0223 16-02-0115 0016020115 |
SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL?/a> Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
|