PART |
Description |
Maker |
RMPA5251 |
4.90-5.85 GHz HBT Linear Power Amp 4.90-5.85 GHz InGaP HBT Linear Power Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|
ISL12022IBZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 8-SOIC
|
INTERSIL CORP
|
SL6521CB-T |
PWM Buck DC/DC and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R
|
INTERSIL CORP
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
5962-9159302MZX 5962-9159301MZX 5962-9159305MKX 59 |
x4 SRAM ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters x4的SRAM ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers x4的SRAM
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|
RMPA61810 |
6-18 GHz 1W Power Amp Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
|
FAIRCHILD[Fairchild Semiconductor]
|
LT1713CMS8 LT1714IGN LT1713IMS8 LT1714CGN LT1713CM |
Single/Dual, 7ns, Low Power,3V/5V/±5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO16 Single/Dual, 7ns, Low Power,3V/5V/隆戮5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power,3V/5V/【5V Rail-to-Rail Comparators Single, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO8 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO16
|
Linear Technology, Corp.
|
AD8000 AD8000YRDZ-REEL AD8000YRDZ AD8000YRDZ-REEL7 |
1.5 GHz, Ultra-High Speed Op Amp with Power-Down 1.5 GHz Ultrahigh Speed Op Amp
|
AD[Analog Devices]
|
4110-SERIES 7110-SERIES 7119-SERIES 4119-SERIES 71 |
Peripheral IC ±1% Accuracy, Low-Power, 3V and 5V µP Supervisory Circuits 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 外围芯片
|
3M Company
|
EKIN2-390TR |
E-Series I/Q Modulator 380400 MHz E系列的I / Q调制80400兆赫 ±15kV ESD Protected, 100Mbps, 5V, PROFIBUS®, Full Fail-safe, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-MSOP E系列I / Q调制80400兆赫
|
Electronic Theatre Controls, Inc. Infineon Technologies AG
|
HIN206E HIN211E HIN202E HIN208E HIN241E HIN232ECAZ |
QUAD LINE TRANSCEIVER, PDSO28 ESD保护5V的技术和RS - 232发送器/接收器(静电放电保护,正5V的电源电压的RS - 232收发器) ± 15kV的,ESD保护5V的技术和RS - 232发送器/接收器(± 15kV的ESD防护5V的电源电压,RS - 232接口收发器) /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R DUAL LINE TRANSCEIVER, PDSO16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 /-15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-PDIP DUAL LINE TRANSCEIVER, PDIP16 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers(±15kV ESD防护, 5V电源电压, RS-232收发 ± 15kV的,ESD保护V的技术和RS - 232发送器/接收器(± 15kV的ESD防护V的电源电压,RS - 232接口收发器) ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: -40°C to 85°C; Package: 24-SSOP TRIPLE LINE TRANSCEIVER, PDSO24 ±15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil Corporation Intersil, Corp.
|
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
|