PART |
Description |
Maker |
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
P89CV51RD2FA512 P89CV51RB209 P89CV51RC2FBC557 P89C |
8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT187; Container: Tube Dry Pack 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals; Package: SOT376; Container: Tray Dry Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
87C752 S87C752-5A28 S83C752-6A28-T NXPSEMICONDUCTO |
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC28 80C51 8-bit microcontroller family 2K/64 OTP/ROM/ 5 channel 8 bit A/D/ I2C/ PWM/ low pin count
|
NXP Semiconductors N.V. Philips Semiconductors
|
P89LPC933 P89LPC934 P89LPC935FA P89LPC935FDH P89LP |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
|
Philips NXP Semiconductors
|
P89C54BP P89C54BA P89C54BBD P89C54BN P89C51BA P89C |
80C51 8-bit microcontroller family 4K/8K/16K/32K Flash 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
P89V52X2FBD157 |
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM; Package: SOT389-1 (LQFP44); Container: Tray Pack, Bakeable, Multiple 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P87CL54X2BBD P87CL54X2BDH |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
P89LPC9341FDH P89LPC9361FDH P89LPC9331HDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors
|
P89LPC954FBD48 P89LPC952 P89LPC952FA P89LPC952FBD |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89LPC9351 P89LPC9351FA P89LPC9351FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RD2FA/01 P89C51RB2BBD/01 P89 |
80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44
|
NXP Semiconductors N.V. Philips Semiconductors
|