PART |
Description |
Maker |
ANT10-M24LR16E |
Antenna reference board for M24LR16E-R with ESD protection, NOT FOR SALE
|
ST Microelectronics
|
AT24C04B09 AT24C04B-PU AT24C04B-TH-B AT24C04B-TH-T |
Two-wire Serial EEPROM 8-ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 8-DBGA2,PB/HALO FREE,1.8V(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 8-PDIP, Pb/HALO FREE, 1.8V(SERIAL EE) 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 DIE SALE,1.8V, 11MIL(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, UUC
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel, Corp.
|
SAK-C505CA-4RC SAK-C505CA-LC C505CA-4RC SAA-C505CA |
8-Bit Microcontrollers - High temperature 8-Bit CMOS microcontroller (T=150°C ) with mask-programmable ROM, bare die, with CAN, (20 MHz) 8-bit Single-Chip Microcontroller (Bare Die Delivery)
|
INFINEON[Infineon Technologies AG]
|
IRG4CC50WB |
IGBT Die in Wafer Form 600 V Size 5 WARP Speed IRG4CC50WB IGBT Die in Wafer Form
|
Hittite Microwave Corporation International Rectifier
|
7703403UA 7703401YA 77034042A 7703404MA 7703404NA |
Negative Adjustable Voltage Regulator 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R 15 HZ, 90DB REJECTION BTW 59 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, T/R 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R Low-cost volatile, Digital Potentiometer, -40C to 125C, 8-SOIC 150mil, TUBE PRODUCT TO FREQUENCY CONVERTER WHICH IS USED TO POWER METERING APLICATIONS, -40C to 85C, 24-SSOP 208mil, TUBE 积极可调电压稳压 18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 积极可调电压稳压 Positive Adjustable Voltage Regulator 积极可调电压稳压 ENERGY METER IC, GAIN 1:16, 500:1 DYNAMIC RANGE, -40C to 85C, 24-SSOP 208mil, T/R 积极可调电压稳压
|
International Rectifier, Corp. TE Connectivity, Ltd. Kingbright, Corp. NIC Components, Corp.
|
SIDC01D60SIC2SAWN SIDC01D60SIC2UNSAWN |
Diodes - HV Chips - 600V, 4A die sawn Diodes - HV Chips - 600V, 4A die unsawn
|
Infineon
|
IRLC1304 2299 |
HEXFET Power MOSFET Die in Wafer Form(晶圆形式的HEXFET 功率MOS场效应管) From old datasheet system HEXFET? Power MOSFET Die in Wafer Form
|
International Rectifier
|
ANT2-M24LR16E |
20 mm x 40 mm antenna reference board for M24LR16E-R, NOT FOR SALE 20 mm x 40 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
|
ST Microelectronics STMicroelectronics
|
IXFN340N07 IXFN340N0704 |
HiPerFET?/a> Power MOSFETs Single Die MOSFET HiPerFET⑩ Power MOSFETs Single Die MOSFET HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS Corporation
|
FD120L03A5 |
Fred Die
|
International Rectifier
|
|