PART |
Description |
Maker |
F1740-5550/5450/5558/5458 |
Class X1 - AC275V; Class Y2 - AC250V
|
Vishay
|
F1746-5511/5411/5581/5481 |
Class X1 - AC275V; Class Y2 - AC250V
|
Vishay
|
F1740-3501 |
Class X1 - AC275V; Class Y2 - AC250V
|
Vishay
|
A82015C0GL5 A82120C0GL5 A68015C0GL5 A56015C0GL5 A5 |
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
MAX97002EWP |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Products
|
MPR5000 |
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna 多协议RFID读写模块的EPC Class 0 / 0级和天线与积分第二代
|
Electronic Theatre Controls, Inc.
|
440LD68-R |
AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
|
Vishay Siliconix
|
NT7603BDB-01 NT7603BDW-01 NT7603BDT-01 ELECTRONICT |
Class D Audio Amplifier, SOT549-1 (HTSSOP32), Reel Dry Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 110 W class-D power amplifer, SOT566-3 (HSOP24), Reel Pack, SMD, 13" 2 x 150 W class-D power amplifier, SOT411-1 (DBS23P), Tube 单芯6Cx2L点阵LCD控制驱动
|
Electronic Theatre Controls, Inc.
|
2301 |
2.3 GHz Class C, Common Base; fO (MHz): 0; P(out) (W): 1.5; P(in) (W): 0.24; Gain (dB): 8.5; Vcc (V): 20; Cob (pF): 4; Case Style: 55BT-1 S BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
|
MICROSEMI POWER PRODUCTS GROUP Microsemi, Corp. GHZTECH[GHz Technology] GHz Technology, Inc.
|
UMIL100A |
UHF 225-400 MHz, Class C, Common Emitter; P(out) (W): 100; P(in) (W): 16; Gain (dB): 8; Vcc (V): 28; Cob (pF): 120; fO (MHz): 0; Case Style: 55JU-2 UHF BAND, Si, NPN, RF POWER TRANSISTOR 100 Watts / 28 Volts / Class AB Defcom 225 - 400 MHz 100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz
|
Microsemi, Corp. Electronic Theatre Controls, Inc. ETC GHZTECH[GHz Technology]
|