PART |
Description |
Maker |
LT3468-1 LT3468ES5 LT3468ES5-1 LT3468 LINEARTECHNO |
Photoflash Capacitor Charger in ThinSOT
Linear Technology Photoflash Capacitor Charger in ThinSOT SPECIALTY ANALOG CIRCUIT, PDSO5
|
5 LINER[Linear Technology] Linear Technology Corporation http:// Linear Technology, Corp.
|
LTC1734 LTC1734ES6-4.2 LTC1734ES6-4.1 LTC1734-4.2 |
700mA Linear Lithium Battery Charger in SOT-23 Lithium-Ion Linear Battery Charger in ThinSOT
|
Linear Technology
|
ADP3806 ADP3806JRU ADP3806JRU-125 ADP3806JRU-126 A |
0.3-25V; high frequency switch mode Li-Ion battery charger. For portable computers, fast chargers Analog IC High-Frequency Switch Mode Li-Ion Battery Charger 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO24
|
AD[Analog Devices] ANALOG DEVICES INC
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
LT1512 LT1512C LT1512CN8 LT1512CS8 LT1512I LT1512I |
CAP 220PF 250VAC CERAMIC Y2/X1 2.7 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO8 SEPIC Constant-Current/ Constant-Voltage Battery Charger SEPIC Constant-Current/Constant-Voltage Battery Charger From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LTC4052-4.2 LTC4052EMS8E-4.2 LTC4052EMS8E-4.2TR LT |
1A Lithium-Ion Battery Pulse Charger with Overcurrent Protection Lithium-Ion Battery Pulse Charger with Overcurrent Protection; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
LTC1731-8.2 LTC1731-8.4 |
Lithium-Ion Linear Battery Charger Controller LITHIUM - LON LINEAR BATTERY CHARGER CONTROLLER
|
Linear Technology Lite-On Technology Corporation
|
AM29LV033C-90 AM29LV033C-90EE AM29LV033C-90EI AM29 |
LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 2500; Container: Reel 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PBGA63 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 32兆位个M × 8位)的CMOS 3.0伏特,只有统一部门闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MAX860608 MAX8606ETD |
USB/AC Adapter, Li Linear Battery Charger with Integrated 50m楼? Battery Switch in TDFN USB/AC Adapter, Li Linear Battery Charger with Integrated 50m惟 Battery Switch in TDFN USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
|
Maxim Integrated Products
|
LTC4066 LTC4066-1 LTC4066EPFTRPBF LTC4066EPFPBF LT |
USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode USB Power Manager with Low-Loss Ideal Diode and Li-Ion Battery Charger; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.525 A BATTERY CHARGE CONTROLLER, PQCC24
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TA8523F |
PB BATTERY CHARGER IC
|
Toshiba Semiconductor
|