PART |
Description |
Maker |
T323A474J035AS-C T323A474J035AT-C T323A474K035AS-C |
TANTALUM MOLDED DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number listings on pages 44-48. See Application Notes Section, page 76 for addi-tional PERFORMANCE CHARACTERISTICS TANTALUM MOLDED / AXIAL ?MIL-PRF-49137/1&5 TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
|
Kemet Corporation
|
9250-684-RC 9250-332-RC 9250-182-RC 9250-122-RC 92 |
CHOKE RF MOLDED 680UH FERRITE 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3.3UH IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.8UH IRON 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.2UH IRON 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3900UH FERRITE 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .68UH PHENOLIC 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 18UH FERRITE 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 15UH FERRITE 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .47UH PHENOLIC 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:9250; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:44; Self Resonant Frequency:70MHz; Terminal Type:Axial Leaded; Core Material:Iron; Current Rating:380mA; DC Resistance Max:0.55ohm
|
Bourns, Inc. BOURNS INC
|
FST162245 FST162245MTD FST162245MTDX |
16-Bit Bus Switch with 25 Series Resistors in Outputs 16-Bit Bus Switch with 25з Series Resistors in Outputs 16-Bit Bus Switch with 25???? Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 6.10 MM, MO-153, TSSOP-48
|
Fairchild Semiconductor, Corp.
|
9000 |
9000 SERIES/MOLDED SIP REED RELAYS
|
Coto Technology
|
4114R-X-XX |
4100R Series - Thick Film Molded DIPs
|
ETC
|
FST162861MTDXNL FST162861_05 FST162861 FST162861MT |
20-Bit Bus Switch with 25W Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 20-Bit Bus Switch with 25ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RN70S100BB RN70S100BM RN70S100CB RN70S100CM RN70S1 |
RN Series Molded Metal Film High Precision Resistors RN Series Molded Metal Film High Precision Resistors
|
American Accurate Components, Inc. http:// American Accurate Component... American Accurate Compo...
|
DS624-03TG DS318-30TG DS318-02GG DS314-30TG DS314- |
24 POS MOLDED DIP SOCKET DIP24, IC SOCKET 18 POS MOLDED DIP SOCKET DIP18, IC SOCKET 14 POS MOLDED DIP SOCKET DIP14, IC SOCKET 28 POS MOLDED DIP SOCKET DIP28, IC SOCKET 20 POS MOLDED DIP SOCKET DIP20, IC SOCKET 40 POS MOLDED DIP SOCKET DIP40, IC SOCKET
|
Advanced Interconnections, Corp.
|
HLS624-473TT HLS640-473TT HLS628-473TT HLS628-473T |
24 POS MOLDED DIP SOCKET DIP24, IC SOCKET 40 POS MOLDED DIP SOCKET DIP40, IC SOCKET 28 POS MOLDED DIP SOCKET DIP28, IC SOCKET 32 POS MOLDED DIP SOCKET DIP32, IC SOCKET 16 POS MOLDED DIP SOCKET DIP16, IC SOCKET 20 POS MOLDED DIP SOCKET DIP20, IC SOCKET
|
Advanced Interconnections, Corp.
|
MDP16-46 MDP16-45 |
Dual Inline Package, Molded DIP, Rugged, Molded Case Construction, Highly Stable, Automatic Insert Compatible, Available in Tube Pack, Reduces Assembly Costs
|
Vishay
|
SOMC |
Dual Inline Package, Small Outline Molded DIP, 14, 16, or 20 Pins, Rugged, Molded Case Construction, Highly Stable, Automatic Surface Mount Compatible, Reduces Assembly Costs,
|
Vishay
|
|