PART |
Description |
Maker |
AS8218 AS8228 |
Highly Integrated Single Phase 2-Current Energy Metering Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os and LCD Driver
|
AMSCO[austriamicrosystems AG]
|
CY7C66113-PVC CY7C66013-PVC CY7C66013-PC CY7C66013 |
Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub 8-BIT, OTPROM, 48 MHz, MICROCONTROLLER, PDIP48 Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub 8-BIT, OTPROM, 48 MHz, MICROCONTROLLER, PDSO56 Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub 全集成高速USB集线器(12 Mbps)的外设控制 8-BIT, OTPROM, 48 MHz, MICROCONTROLLER, PDSO48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
ST2602B |
8-bit Integrated Microcontroller
|
Sitronix Technology Co., Ltd.
|
PIC12LF1840T48A-I |
Using the PIC12LF1840T48A Microcontroller with Integrated Sub-GHz Transmitter
|
Microchip Technology
|
COM20051 |
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
|
Standard Microsystems ETC SMSC[SMSC Corporation]
|
MCF5480 MCF5481 MCF5482 MCF5483 MCF5484 MCF5485 |
Microprocessor Electrical Characteristics Integrated ColdFire Version 4 Microcontroller
|
Freescale Semiconductor... Freescale Semiconductor, Inc Freescale (Motorola)
|
D6P8A UPD6P8A |
MOS INTEGRATED CIRCUIT 4-BIT SINGLE-CHIP MICROCONTROLLER Search --To UPD6P8A
|
NEC
|
87C196CB 87C196 AN87196CA AS87C196CB AS87C196CB-20 |
20 MHz ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0 Advanced 16-Bit CHMOS Microcontrollers Advanced 16-bit CHMOS microcontroller with integrated CAN 2.0, EPROM 56K, reg RAM 1.5K, code RAM 512b, address space 16 Mbyte, 16 MHz Advanced 16-bit CHMOS microcontroller with integrated CAN 2.0, EPROM 56K, reg RAM 1.5K, code RAM 512b, address space 16 Mbyte, 20 MHz Advanced 16-bit CHMOS microcontroller with integrated CAN 2.0, EPROM 56K, reg RAM 1.5K, code RAM 512b, address space 1 Mbyte, 16 MHz Advanced 16-bit CHMOS microcontroller with integrated CAN 2.0, EPROM 56K, reg RAM 1.5K, code RAM 512b, address space 1 Mbyte, 20 MHz
|
Intel Corp. Intel Corporation
|
AS8267 AS8267BLQS AS8267BLQW AS8268 AS8268BLQS AS8 |
Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
|
austriamicrosystems AG
|
LC87F2G08A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F0808A |
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|