PART |
Description |
Maker |
CQ220-8B CQ220-8D CQ220-8M CQ220-8N |
8.0 AMP TRIAC 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 8.0 AMP TRIAC 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BT139F BT139F-500 BT139F-500F BT139F-500G BT139F-6 |
Triacs(??????纭? Triacs(双向可控 500 V, 16 A, TRIAC Triacs 600 V, 16 A, TRIAC Triacs 800 V, 16 A, TRIAC Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
Q6040M9 Q7040M9 Q4040M9 Q2040M9 Q8040M9 Q5040M9 Q2 |
TRIAC|600V V(DRM)|40A I(T)RMS|TO-218 TRIAC|700V V(DRM)|40A I(T)RMS|TO-218 TRIAC|800V V(DRM)|40A I(T)RMS|TO-218 TRIAC|500V V(DRM)|40A I(T)RMS|TO-218 TRIAC|200V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|700V V(DRM)|15A I(T)RMS|TO-220 可控硅| 700V的五(DRM)的| 15A条口(T)的有效值|20 TRIAC|400V V(DRM)|15A I(T)RMS|TO-220 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|800V V(DRM)|25A I(T)RMS|TO-220
|
Motorola Mobility Holdings, Inc.
|
DTB12E DTB8F DTB12G DTB16G DTA16G DTB16F DTB8E DTB |
TRIAC|500V V(DRM)|10A I(T)RMS|TO-220 可控硅| 500V五(DRM)的| 10A条口(T)的有效值|20 TRIAC|200V V(DRM)|10A I(T)RMS|TO-220 可控硅| 200伏五(DRM)的| 10A条口(T)的有效值|20 TRIAC|400V V(DRM)|8A I(T)RMS|TO-220 可控硅| 400V五(DRM)的| 8A条口(T)的有效值|20 THYRISTOR MODULE|TRIAC 晶闸管模块|可控 TRIAC|600V V(DRM)|16A I(T)RMS|TO-220 TRIAC|600V V(DRM)|12A I(T)RMS|TO-220 TRIAC|500V V(DRM)|8A I(T)RMS|TO-220 TRIAC|400V V(DRM)|12A I(T)RMS|TO-220
|
Won-Top Electronics Co., Ltd. ON Semiconductor
|
TLC336A TLC386D TLC116 TLC226A TLC226T TLC386A TLC |
200 V, 3 A, TRIAC SENSITIVE GATE TRIACS From old datasheet system 400 V, 3 A, TRIAC
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
T1635-600G 5576 T1650-600G |
600 V, 16 A, SNUBBERLESS TRIAC From old datasheet system HIGH PERFORMANCE TRIAC
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IS6010X IS6005X IS6015 IS6015X IS6015-G |
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS Panasonic Semiconductor ISOCOM COMPONENTS LTD
|
CQ202-4D-2 |
4.0 AMP TRIAC 200 THRU 800 VOLTS 400 V, 4 A, TRIAC
|
Central Semiconductor, Corp.
|
CQDD-16M CQDD-16N |
SMD TRIAC 16 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|